Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC835 Datasheet (PDF) - Vitesse Semiconductor Corporation

VSC835 Datasheet PDF - Vitesse Semiconductor Corporation
Part # VSC835
Download  VSC835 Download
File Size   162.03 Kbytes
Page   18 Pages
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation
Description 34x34 Crosspoint Switch with Signal Detection

VSC835 Datasheet (PDF)

Go To PDF Page Download Datasheet
VSC835 Datasheet PDF - Vitesse Semiconductor Corporation

Part # VSC835
Download  VSC835 Click to download

File Size   162.03 Kbytes
Page   18 Pages
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation
Description 34x34 Crosspoint Switch with Signal Detection

VSC835 Datasheet (HTML) - Vitesse Semiconductor Corporation


VSC835 Product details

General Description
The VSC835 is a monolithic 34x34 asynchronous crosspoint switch, designed to carry broadband data streams at up to 2.5 Gbit/s. The non-blocking switch core is programmed through a parallel port interface that allows random access programming of each output port. A high degree of signal integrity is maintained through the chip through fully differential signal paths.
   
Features
• 34 Input by 34 Output Crosspoint Switch
• 2.5 Gbits/sec. NRZ Data Bandwidth
• TTL Compatible µP Interface
• Differential PECL Data Inputs
• On-chip 50Ω Input Terminations
• 50Ω Source Terminated PECL Output Drivers
• Single 3.3V Supply
• 14W Maximum Power Dissipation
• High Performance 256 BGA Package
   




Similar Part No. - VSC835

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC830 VITESSE-VSC830 Datasheet
182Kb / 18P
2.7Gb/s Asynchronous Dual 2x2 Crosspoint Switch
VSC830QZ VITESSE-VSC830QZ Datasheet
182Kb / 18P
2.7Gb/s Asynchronous Dual 2x2 Crosspoint Switch
VSC834 VITESSE-VSC834 Datasheet
168Kb / 16P
2.5Gb/s 17 x 17 Crosspoint Switch with Input Signal Activity (ISA) Monitoring
VSC834UB VITESSE-VSC834UB Datasheet
168Kb / 16P
2.5Gb/s 17 x 17 Crosspoint Switch with Input Signal Activity (ISA) Monitoring
VSC837 VITESSE-VSC837 Datasheet
340Kb / 26P
3.2Gb/s 68x68 Crosspoint Switch
More results


Similar Description - VSC835

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQ8034 TRIQUINT-TQ8034 Datasheet
349Kb / 16P
1.6 Gbit/sec 3.3V 34x34 Digital Crosspoint Switch
logo
Hynix Semiconductor
GM62093A HYNIX-GM62093A Datasheet
87Kb / 6P
12x8 CROSSPOINT SWITCH WITH CONTROL MEMORY
logo
Analog Devices
AD8117 AD-AD8117 Datasheet
469Kb / 32P
Video Crosspoint Switch Video Crosspoint Switch
logo
Vitesse Semiconductor C...
VSC3004 VITESSE-VSC3004 Datasheet
456Kb / 2P
Crosspoint Switch with Integrated Equalization
VSC3104 VITESSE-VSC3104 Datasheet
446Kb / 2P
crosspoint switch with integrated equalization
logo
STMicroelectronics
M22100 STMICROELECTRONICS-M22100_03 Datasheet
300Kb / 10P
4x4 CROSSPOINT SWITCH WITH CONTROL MEMORY
Feb-2003
logo
Analog Devices
AD8117 AD-AD8117_15 Datasheet
1,022Kb / 36P
Analog Crosspoint Switch
REV. A
AD8150 AD-AD8150_15 Datasheet
756Kb / 44P
Crosspoint Switch
REV. A
AD8156 AD-AD8156_15 Datasheet
534Kb / 20P
Digital Crosspoint Switch with EQ
REV. 0
AD8178 AD-AD8178_16 Datasheet
770Kb / 37P
Video Crosspoint Switch
5/16-Rev. 0 to Rev. A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com