Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC835 Datasheet(PDF) 1 Page - Vitesse Semiconductor Corporation

Part # VSC835
Description  34x34 Crosspoint Switch with Signal Detection
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC835 Datasheet(HTML) 1 Page - Vitesse Semiconductor Corporation

  VSC835 Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC835 Datasheet HTML 2Page - Vitesse Semiconductor Corporation VSC835 Datasheet HTML 3Page - Vitesse Semiconductor Corporation VSC835 Datasheet HTML 4Page - Vitesse Semiconductor Corporation VSC835 Datasheet HTML 5Page - Vitesse Semiconductor Corporation VSC835 Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC835 Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC835 Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC835 Datasheet HTML 9Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
© VITESSE SEMICONDUCTOR CORPORATION
Page 1
7/24/00
741 Calle Plano, Camarillo, CA 93012 • 805/388-3700 • FAX: 805/987-5896
VITESSE
SEMICONDUCTOR CORPORATION
Datasheet
VSC835
2.5 Gbits/sec
34x34 Crosspoint Switch with Signal Detection
G52270-0, Rev. 4.1
Features
General Description
The VSC835 is a monolithic 34x34 asynchronous crosspoint switch, designed to carry broadband data
streams at up to 2.5 Gbit/s. The non-blocking switch core is programmed through a parallel port interface that
allows random access programming of each output port. A high degree of signal integrity is maintained through
the chip through fully differential signal paths.
The crosspoint function is based on a multiplexer tree architecture. Each data output is driven by a 34:1
multiplexer tree that can be programmed to one and only one of its 34 inputs, and each data input can be routed
to multiple outputs. The signal path is unregistered, so no clock is required for the data inputs. The signal path is
asynchronous, so there are no restrictions on the phase, frequency, or signal pattern at each input. Each input
channel and each output channel has an signal monitor function that can be used to identify loss of activity
(LOA). An interrupt pin is provided to signal LOA, after which an external controller can query the chip to
determine the channel(s) on which the fault occurred.
Each output driver is a fully differential switched current driver with on-die back-terminations for maxi-
mum signal integrity. Data inputs are terminated on die through 50 ohm resistors terminated to VTERM.
The parallel interface uses TTL levels, and provides address, data, and control pins that are compatible
with a microprocessor-style interface. The control port provides access to all chip functions, including LOA and
programming. Program buffering is provided to allow multiple program assignments to be queued and issued
simultaneously via a single configure command.
VSC835 Block Diagram
• 34 Input by 34 Output Crosspoint Switch
• 2.5 Gbits/sec. NRZ Data Bandwidth
• TTL Compatible
µP Interface
• Differential PECL Data Inputs
• On-chip 50
Ω Input Terminations
• 50
Ω Source Terminated PECL Output Drivers
• Single 3.3V Supply
• 14W Maximum Power Dissipation
• High Performance 256 BGA Package
Control Logic
µP interface
A0
Y0
A33
Y33


Similar Part No. - VSC835

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC830 VITESSE-VSC830 Datasheet
182Kb / 18P
2.7Gb/s Asynchronous Dual 2x2 Crosspoint Switch
VSC830QZ VITESSE-VSC830QZ Datasheet
182Kb / 18P
2.7Gb/s Asynchronous Dual 2x2 Crosspoint Switch
VSC834 VITESSE-VSC834 Datasheet
168Kb / 16P
2.5Gb/s 17 x 17 Crosspoint Switch with Input Signal Activity (ISA) Monitoring
VSC834UB VITESSE-VSC834UB Datasheet
168Kb / 16P
2.5Gb/s 17 x 17 Crosspoint Switch with Input Signal Activity (ISA) Monitoring
VSC837 VITESSE-VSC837 Datasheet
340Kb / 26P
3.2Gb/s 68x68 Crosspoint Switch
More results

Similar Description - VSC835

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQ8034 TRIQUINT-TQ8034 Datasheet
349Kb / 16P
1.6 Gbit/sec 3.3V 34x34 Digital Crosspoint Switch
logo
Hynix Semiconductor
GM62093A HYNIX-GM62093A Datasheet
87Kb / 6P
12x8 CROSSPOINT SWITCH WITH CONTROL MEMORY
logo
Analog Devices
AD8117 AD-AD8117 Datasheet
469Kb / 32P
Video Crosspoint Switch Video Crosspoint Switch
logo
Vitesse Semiconductor C...
VSC3004 VITESSE-VSC3004 Datasheet
456Kb / 2P
Crosspoint Switch with Integrated Equalization
VSC3104 VITESSE-VSC3104 Datasheet
446Kb / 2P
crosspoint switch with integrated equalization
logo
STMicroelectronics
M22100 STMICROELECTRONICS-M22100_03 Datasheet
300Kb / 10P
4x4 CROSSPOINT SWITCH WITH CONTROL MEMORY
Feb-2003
logo
Analog Devices
AD8117 AD-AD8117_15 Datasheet
1,022Kb / 36P
Analog Crosspoint Switch
REV. A
AD8150 AD-AD8150_15 Datasheet
756Kb / 44P
Crosspoint Switch
REV. A
AD8156 AD-AD8156_15 Datasheet
534Kb / 20P
Digital Crosspoint Switch with EQ
REV. 0
AD8178 AD-AD8178_16 Datasheet
770Kb / 37P
Video Crosspoint Switch
5/16-Rev. 0 to Rev. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com