Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GM62093A Datasheet (PDF) - Hynix Semiconductor

GM62093A Datasheet PDF - Hynix Semiconductor
Part # GM62093A
Download  GM62093A Download
File Size   87.17 Kbytes
Page   6 Pages
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor
Description 12x8 CROSSPOINT SWITCH WITH CONTROL MEMORY

GM62093A Datasheet (PDF)

Go To PDF Page Download Datasheet
GM62093A Datasheet PDF - Hynix Semiconductor

Part # GM62093A
Download  GM62093A Click to download

File Size   87.17 Kbytes
Page   6 Pages
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor
Description 12x8 CROSSPOINT SWITCH WITH CONTROL MEMORY

GM62093A Datasheet (HTML) - Hynix Semiconductor


GM62093A Product details

Description
The GM62093A contains a 12 x 8 array of crosspoint together with a 7 to 96 Line decoder and latch circuits. The GM62093A employs LG’s advanced high voltage CMOS process technology. It provides extra low operating current and low power dissipation.
Anyone of the 96 switchs can be addressed by selecting the ap-propriate 7 input bits. The selected turned on or off by applying a logical one or zero to the data in and the strobe input at logical one. A reset signal can be used to turn off all the switches together when is switched at logical one. The GM62093A is avail-able in a 40 lead dual in-line plastic and ceramic package.

Feature
• CMOS 12´ 8 Cross Point Switch with Control Memory
• Low On Resistance
• Internal Control Latches
• DRon 15 W Max
• Less Than 1% Total Distortion at 0 dbm
• Extra Low Operating Current
• Extra Low Cross-Talk Between Any Two Switches
• Standard CMOS Noise Immunity
• TTL Compatible Input

Application
• PBX Systems
• Mobile Radio
• Test Eqiepment Instrumentation
• Analog/ Digital Multiplexer




Similar Part No. - GM62093A

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
GM6201 GTM-GM6201 Datasheet
994Kb / 8P
CMOS POSITIVE VOLTAGE REGULATOR
logo
E-Tech Electronics LTD
GM6201 ETL-GM6201 Datasheet
1,004Kb / 8P
C M O S P o s i t i v e Vo l t a g e R e g u l a t o r
logo
Guilin Strong Micro-Ele...
GM6202 GSME-GM6202 Datasheet
972Kb / 3P
Three-terminal Voltage Regulator
GM6206 GSME-GM6206 Datasheet
309Kb / 3P
LDO Voltage Regulator
More results


Similar Description - GM62093A

ManufacturerPart #DatasheetDescription
logo
NEC
UPD22100 NEC-UPD22100 Datasheet
151Kb / 16P
CROSSPOINT SWITCH WITH CONTROL MEMORY CMOS IC
logo
STMicroelectronics
M22100 STMICROELECTRONICS-M22100 Datasheet
265Kb / 13P
4 X 4 CROSSPOINT SWITCH WITH CONTROL MEMORY
Sep-1988
M22101 STMICROELECTRONICS-M22101 Datasheet
157Kb / 8P
WITH CONTROL MEMORY 4 X 4 X 2 CROSSPOINT SWITCHES
Sep-1988
logo
Intersil Corporation
CD22100 INTERSIL-CD22100 Datasheet
104Kb / 10P
CMOS 4 x 4 Crosspoint Switch with Control Memory High-Voltage Type (20V Rating)
February 1999
logo
Harris Corporation
CD22101 HARRIS-CD22101 Datasheet
159Kb / 13P
CMOS 4 x 4 x 2 Crosspoint Switch with Control Memory
logo
STMicroelectronics
M3494 STMICROELECTRONICS-M3494 Datasheet
463Kb / 11P
CMOS 16 x 8 CROSSPOINT WITH CONTROL MEMORY
logo
Samsung semiconductor
KT8592 SAMSUNG-KT8592 Datasheet
338Kb / 9P
4 x 4 CROSSPOINT SWITCH WITH CONTROL MEMORY
logo
Harris Corporation
CD22100 HARRIS-CD22100 Datasheet
109Kb / 10P
CMOS 4 x 4 Crosspoint Switch with Control Memory High-Voltage Type (20V Rating)
logo
STMicroelectronics
M22100 STMICROELECTRONICS-M22100_03 Datasheet
300Kb / 10P
4x4 CROSSPOINT SWITCH WITH CONTROL MEMORY
Feb-2003
logo
JFW Industries, Inc.
50MS-291 JFW-50MS-291 Datasheet
95Kb / 1P
12x8 MATRIX SWITCH
More results




About Hynix Semiconductor


Hynix Semiconductor is a South Korean company that specializes in the design and manufacture of memory semiconductors.
The company was founded in 1983 and is headquartered in Icheon, South Korea.
Hynix is one of the world's leading producers of DRAM (dynamic random access memory) and NAND flash memory, which are used in various applications such as computer systems, mobile devices, and solid-state drives.
Hynix is known for its expertise in memory semiconductor technology and its ability to deliver high-quality and high-performance memory products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized memory solutions that meet their specific requirements and needs.
In addition to its memory products, Hynix also provides a range of products and solutions for the automotive and data center markets, such as system-on-a-chip (SoC) products and high-bandwidth memory (HBM) products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com