Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD22101 Datasheet (PDF) - Harris Corporation

CD22101 Datasheet PDF - Harris Corporation
Part # CD22101
Download  CD22101 Download
File Size   159.07 Kbytes
Page   13 Pages
Manufacturer  HARRIS [Harris Corporation]
Direct Link  http://www.harris.com
Logo HARRIS - Harris Corporation
Description CMOS 4 x 4 x 2 Crosspoint Switch with Control Memory

CD22101 Datasheet (PDF)

Go To PDF Page Download Datasheet
CD22101 Datasheet PDF - Harris Corporation

Part # CD22101
Download  CD22101 Click to download

File Size   159.07 Kbytes
Page   13 Pages
Manufacturer  HARRIS [Harris Corporation]
Direct Link  http://www.harris.com
Logo HARRIS - Harris Corporation
Description CMOS 4 x 4 x 2 Crosspoint Switch with Control Memory

CD22101 Datasheet (HTML) - Harris Corporation


CD22101 Product details

Description
CD22101 and CD22102 crosspoint switches consist of 4 x 4 x 2 arrays of crosspoints (transmission gates) with a 4-line to 16-line decoder and 16 latch circuits. Any one of the sixteen crosspoint pairs can be selected by applying the appropriate four-line address, corresponding crosspoints in each array are turned on and off simultaneously. Any number of crosspoints can be turned on simultaneously.

Features
• Low ON Resistance . . . . . . . . . . . . 75Ω (Typ) at VDD = 12V
• “Built - In” Latched Inputs
• Large Analog Signal Capability . . . . . . . . . . . . . . . ±VDD/2
• Switch Bandwidth . . . . . . . . . . . . . . . . . . . . . . . . . . 10MHz
• Matched Switch Characteristics ∆RON = 8Ω (Typ) at VDD = 12V
• High Linearity - 0.25% Distortion (Typ) at f = 1kHz, VIN = 5VP-P, VDD - VSS = 10V, and RL = 1kΩ
• Standard CMOS Noise Immunity

Applications
• Telephone Systems
• PBX
• Studio Audio Switching
• Multisystem Bus Interconnect




Similar Part No. - CD22101

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CD22100 INTERSIL-CD22100 Datasheet
104Kb / 10P
CMOS 4 x 4 Crosspoint Switch with Control Memory High-Voltage Type (20V Rating)
February 1999
logo
Harris Corporation
CD22100 HARRIS-CD22100 Datasheet
109Kb / 10P
CMOS 4 x 4 Crosspoint Switch with Control Memory High-Voltage Type (20V Rating)
logo
Intersil Corporation
CD22100E INTERSIL-CD22100E Datasheet
104Kb / 10P
CMOS 4 x 4 Crosspoint Switch with Control Memory High-Voltage Type (20V Rating)
February 1999
logo
Harris Corporation
CD22100E HARRIS-CD22100E Datasheet
109Kb / 10P
CMOS 4 x 4 Crosspoint Switch with Control Memory High-Voltage Type (20V Rating)
logo
Intersil Corporation
CD22100F INTERSIL-CD22100F Datasheet
104Kb / 10P
CMOS 4 x 4 Crosspoint Switch with Control Memory High-Voltage Type (20V Rating)
February 1999
More results


Similar Description - CD22101

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M66260FP MITSUBISHI-M66260FP Datasheet
126Kb / 6P
8 x 4 CROSSPOINT SWITCH with MIXING FUNCTION
logo
NEC
UPD22100 NEC-UPD22100 Datasheet
151Kb / 16P
CROSSPOINT SWITCH WITH CONTROL MEMORY CMOS IC
logo
STMicroelectronics
M22100 STMICROELECTRONICS-M22100 Datasheet
265Kb / 13P
4 X 4 CROSSPOINT SWITCH WITH CONTROL MEMORY
Sep-1988
M22101 STMICROELECTRONICS-M22101 Datasheet
157Kb / 8P
WITH CONTROL MEMORY 4 X 4 X 2 CROSSPOINT SWITCHES
Sep-1988
logo
Intersil Corporation
CD22100 INTERSIL-CD22100 Datasheet
104Kb / 10P
CMOS 4 x 4 Crosspoint Switch with Control Memory High-Voltage Type (20V Rating)
February 1999
CD74HC22106 INTERSIL-CD74HC22106 Datasheet
68Kb / 9P
QMOS 8 x 8 x 1 Crosspoint Switches with Memory Control
January 1999
logo
STMicroelectronics
M3494 STMICROELECTRONICS-M3494 Datasheet
463Kb / 11P
CMOS 16 x 8 CROSSPOINT WITH CONTROL MEMORY
logo
Samsung semiconductor
KT8592 SAMSUNG-KT8592 Datasheet
338Kb / 9P
4 x 4 CROSSPOINT SWITCH WITH CONTROL MEMORY
logo
Texas Instruments
SN65LVDS125 TI-SN65LVDS125 Datasheet
140Kb / 12P
1.5 GBPS LVDS 4 X 4 CROSSPOINT SWITCH
logo
Harris Corporation
CD22100 HARRIS-CD22100 Datasheet
109Kb / 10P
CMOS 4 x 4 Crosspoint Switch with Control Memory High-Voltage Type (20V Rating)
More results




About Harris Corporation


Harris Corporation was a Florida-based technology company that specialized in communications and information technology. The company was founded in 1895 and went through several iterations over the years, including mergers and acquisitions.

In 2019, Harris Corporation merged with L3 Technologies to form L3Harris Technologies, which is now one of the largest defense companies in the world. The company provides a wide range of products and services in the areas of aerospace, defense, communications, and intelligence.

Some of Harris Corporation's previous areas of focus included tactical radios, satellite communications systems, air traffic control systems, and cybersecurity solutions. The company's customers included the U.S. military, government agencies, and commercial organizations around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com