Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD22100 Datasheet (PDF) - NEC

UPD22100 Datasheet PDF - NEC
Part # UPD22100
Download  UPD22100 Download
File Size   151.47 Kbytes
Page   16 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description CROSSPOINT SWITCH WITH CONTROL MEMORY CMOS IC

UPD22100 Datasheet (PDF)

Go To PDF Page Download Datasheet
UPD22100 Datasheet PDF - NEC

Part # UPD22100
Download  UPD22100 Click to download

File Size   151.47 Kbytes
Page   16 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description CROSSPOINT SWITCH WITH CONTROL MEMORY CMOS IC

UPD22100 Datasheet (HTML) - NEC


UPD22100 Product details

The µPD22100 consists of 16 crosspoint switches organized in 4 rows and 4 columns, and the µPD22148 consists of 32 crosspoint switches organized in 4 row and 8 columns. Any of the 16 or 32 switches can be selected by applying appropriate address. The selected crosspoint turns on if during strobe and data In are high and turns off if during strobe and data In are low.

FEATURES
µPD22100
• 4 × 4 CROSSPOINT SWITCHES
• INTERNAL POWER ON RESET FUNCTION
• Low ON-RESISTANCE
   60 Ω Typ. (VDD = 15 V)
• Wide operating temperature Range
   −40 °C to +85 °C
  
µPD22148
• 4 × 8 CROSSPOINT SWITCHES
• Including the Level Shifter Circuit
• Low ON-RESISTANCE
   60 Ω Typ. (VDD = 15 V)
• Wide operating temperature Range
   −40 °C to +85 °C




Similar Part No. - UPD22100

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD22100 RENESAS-UPD22100 Datasheet
272Kb / 18P
MOS INTEGRATED CIRCUIT
1987
UPD22100C RENESAS-UPD22100C Datasheet
272Kb / 18P
MOS INTEGRATED CIRCUIT
1987
UPD22100GS RENESAS-UPD22100GS Datasheet
272Kb / 18P
MOS INTEGRATED CIRCUIT
1987
More results


Similar Description - UPD22100

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M22100 STMICROELECTRONICS-M22100 Datasheet
265Kb / 13P
4 X 4 CROSSPOINT SWITCH WITH CONTROL MEMORY
Sep-1988
M22101 STMICROELECTRONICS-M22101 Datasheet
157Kb / 8P
WITH CONTROL MEMORY 4 X 4 X 2 CROSSPOINT SWITCHES
Sep-1988
logo
Hynix Semiconductor
GM62093A HYNIX-GM62093A Datasheet
87Kb / 6P
12x8 CROSSPOINT SWITCH WITH CONTROL MEMORY
logo
Intersil Corporation
CD22100 INTERSIL-CD22100 Datasheet
104Kb / 10P
CMOS 4 x 4 Crosspoint Switch with Control Memory High-Voltage Type (20V Rating)
February 1999
logo
Harris Corporation
CD22101 HARRIS-CD22101 Datasheet
159Kb / 13P
CMOS 4 x 4 x 2 Crosspoint Switch with Control Memory
logo
Intersil Corporation
CD74HC22106 INTERSIL-CD74HC22106 Datasheet
68Kb / 9P
QMOS 8 x 8 x 1 Crosspoint Switches with Memory Control
January 1999
logo
STMicroelectronics
M3494 STMICROELECTRONICS-M3494 Datasheet
463Kb / 11P
CMOS 16 x 8 CROSSPOINT WITH CONTROL MEMORY
logo
Samsung semiconductor
KT8592 SAMSUNG-KT8592 Datasheet
338Kb / 9P
4 x 4 CROSSPOINT SWITCH WITH CONTROL MEMORY
logo
Harris Corporation
CD22100 HARRIS-CD22100 Datasheet
109Kb / 10P
CMOS 4 x 4 Crosspoint Switch with Control Memory High-Voltage Type (20V Rating)
logo
STMicroelectronics
M22100 STMICROELECTRONICS-M22100_03 Datasheet
300Kb / 10P
4x4 CROSSPOINT SWITCH WITH CONTROL MEMORY
Feb-2003
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com