Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD22100 Datasheet (PDF) - Intersil Corporation

CD22100 Datasheet PDF - Intersil Corporation
Part # CD22100
Download  CD22100 Download
File Size   104.11 Kbytes
Page   10 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description CMOS 4 x 4 Crosspoint Switch with Control Memory High-Voltage Type (20V Rating)

CD22100 Datasheet (PDF)

Go To PDF Page Download Datasheet
CD22100 Datasheet PDF - Intersil Corporation

Part # CD22100
Download  CD22100 Click to download

File Size   104.11 Kbytes
Page   10 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description CMOS 4 x 4 Crosspoint Switch with Control Memory High-Voltage Type (20V Rating)

CD22100 Datasheet (HTML) - Intersil Corporation


CD22100 Product details

Description
CD22100 combines a 4 x 4 array of crosspoints (transmission gates) with a 4-line to 16-line decoder and 16 latch circuits. Any one of the sixteen transmission gates (crosspoints) can be selected by applying the appropriate four line address. The selected transmission gate can be turned on or off by applying a logic one or zero, respectively, to the data input and strobing the strobe input to a logic one. Any number of the transmission gates can be ON simultaneously.

Features
• Low ON Resistance . . . . . . . . . .75Ω (Typ) at VDD = 12V
• “Built-In” Control Latches
• Large Analog Signal Capability. . . . . . . . . . . . . . . ±VDD/2
• 10MHz Switch Bandwidth
• Matched Switch Characteristics ∆RON = 18Ω (Typ) at VDD = 12V
• High Linearity - 0.5% Distortion (Typ) at f = 1kHz, VIN = 5VP-P, VDD = 10V, and RL = 1kΩ
• Standard CMOS Noise Immunity
• 100% Tested for Maximum Quiescent Current at 20V




Similar Part No. - CD22100

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
CD22100 HARRIS-CD22100 Datasheet
109Kb / 10P
CMOS 4 x 4 Crosspoint Switch with Control Memory High-Voltage Type (20V Rating)
CD22100E HARRIS-CD22100E Datasheet
109Kb / 10P
CMOS 4 x 4 Crosspoint Switch with Control Memory High-Voltage Type (20V Rating)
CD22100F HARRIS-CD22100F Datasheet
109Kb / 10P
CMOS 4 x 4 Crosspoint Switch with Control Memory High-Voltage Type (20V Rating)
More results


Similar Description - CD22100

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M66260FP MITSUBISHI-M66260FP Datasheet
126Kb / 6P
8 x 4 CROSSPOINT SWITCH with MIXING FUNCTION
logo
NEC
UPD22100 NEC-UPD22100 Datasheet
151Kb / 16P
CROSSPOINT SWITCH WITH CONTROL MEMORY CMOS IC
logo
STMicroelectronics
M22100 STMICROELECTRONICS-M22100 Datasheet
265Kb / 13P
4 X 4 CROSSPOINT SWITCH WITH CONTROL MEMORY
Sep-1988
M22101 STMICROELECTRONICS-M22101 Datasheet
157Kb / 8P
WITH CONTROL MEMORY 4 X 4 X 2 CROSSPOINT SWITCHES
Sep-1988
logo
Hynix Semiconductor
GM62093A HYNIX-GM62093A Datasheet
87Kb / 6P
12x8 CROSSPOINT SWITCH WITH CONTROL MEMORY
logo
Harris Corporation
CD22101 HARRIS-CD22101 Datasheet
159Kb / 13P
CMOS 4 x 4 x 2 Crosspoint Switch with Control Memory
logo
STMicroelectronics
M3494 STMICROELECTRONICS-M3494 Datasheet
463Kb / 11P
CMOS 16 x 8 CROSSPOINT WITH CONTROL MEMORY
logo
Samsung semiconductor
KT8592 SAMSUNG-KT8592 Datasheet
338Kb / 9P
4 x 4 CROSSPOINT SWITCH WITH CONTROL MEMORY
logo
Harris Corporation
CD22100 HARRIS-CD22100 Datasheet
109Kb / 10P
CMOS 4 x 4 Crosspoint Switch with Control Memory High-Voltage Type (20V Rating)
logo
STMicroelectronics
M22100 STMICROELECTRONICS-M22100_03 Datasheet
300Kb / 10P
4x4 CROSSPOINT SWITCH WITH CONTROL MEMORY
Feb-2003
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com