Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M22101 Datasheet (PDF) - STMicroelectronics

M22101 Datasheet PDF - STMicroelectronics
Part # M22101
Download  M22101 Download
File Size   157.1 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description WITH CONTROL MEMORY 4 X 4 X 2 CROSSPOINT SWITCHES

M22101 Datasheet (PDF)

Go To PDF Page Download Datasheet
M22101 Datasheet PDF - STMicroelectronics

Part # M22101
Download  M22101 Click to download

File Size   157.1 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description WITH CONTROL MEMORY 4 X 4 X 2 CROSSPOINT SWITCHES

M22101 Datasheet (HTML) - STMicroelectronics


M22101 Product details

DESCRIPTION
The M22101 and M22102 crosspoint switches consist of 4 x 4 x 2 arrays of crosspoints (transmission gates), 4-line to 16-line decoders, and 16 latch circuits. Any one of the sixteen crosspoint pairs can be selected by applying the appropriate four-line addressand any number ofcrosspoint pairscanbe ON simultaneously. Corresponding crosspoints in each array are turned on and OFF simultaneously, also.

■ LOW ON RESISTANCE – 75 Ω TYP AT VDD = 12 V
■ ”BUILT-IN” LATCHED INPUTS
■ LARGE ANALOG SIGNAL CAPACITY ± VDD/2
■ 10 MHz SWITCH BANDWITH
■ MATCHED SWITCH CHARACTERISTICS
■ ∆ RON = 8 Ω TYP, AT VDD = 12 V
■ HIGH LINEARITY – 0.25 % DISTORTION TYP, AT f = 1 kHz, VIN = 5 V, VDD - VSS = 10 V AND RI = 1 Ω
■ STANDARD CMOS NOISE IMMUNITY




Similar Part No. - M22101

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M22100 STMICROELECTRONICS-M22100 Datasheet
265Kb / 13P
4 X 4 CROSSPOINT SWITCH WITH CONTROL MEMORY
Sep-1988
M22100 STMICROELECTRONICS-M22100 Datasheet
300Kb / 10P
4x4 CROSSPOINT SWITCH WITH CONTROL MEMORY
Feb-2003
M22100B1 STMICROELECTRONICS-M22100B1 Datasheet
300Kb / 10P
4x4 CROSSPOINT SWITCH WITH CONTROL MEMORY
Feb-2003
M22100 STMICROELECTRONICS-M22100_03 Datasheet
300Kb / 10P
4x4 CROSSPOINT SWITCH WITH CONTROL MEMORY
Feb-2003
More results


Similar Description - M22101

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M22100 STMICROELECTRONICS-M22100 Datasheet
265Kb / 13P
4 X 4 CROSSPOINT SWITCH WITH CONTROL MEMORY
Sep-1988
logo
Intersil Corporation
CD22100 INTERSIL-CD22100 Datasheet
104Kb / 10P
CMOS 4 x 4 Crosspoint Switch with Control Memory High-Voltage Type (20V Rating)
February 1999
logo
Harris Corporation
CD22101 HARRIS-CD22101 Datasheet
159Kb / 13P
CMOS 4 x 4 x 2 Crosspoint Switch with Control Memory
logo
Intersil Corporation
CD74HC22106 INTERSIL-CD74HC22106 Datasheet
68Kb / 9P
QMOS 8 x 8 x 1 Crosspoint Switches with Memory Control
January 1999
logo
Maxim Integrated Produc...
MAX9392 MAXIM-MAX9392 Datasheet
370Kb / 14P
Anything-to-LVDS Dual 2 x 2 Crosspoint Switches
Rev 0; 8/03
logo
STMicroelectronics
M3494 STMICROELECTRONICS-M3494 Datasheet
463Kb / 11P
CMOS 16 x 8 CROSSPOINT WITH CONTROL MEMORY
logo
Samsung semiconductor
KT8592 SAMSUNG-KT8592 Datasheet
338Kb / 9P
4 x 4 CROSSPOINT SWITCH WITH CONTROL MEMORY
logo
Harris Corporation
CD22100 HARRIS-CD22100 Datasheet
109Kb / 10P
CMOS 4 x 4 Crosspoint Switch with Control Memory High-Voltage Type (20V Rating)
logo
Maxim Integrated Produc...
MAX9390 MAXIM-MAX9390_07 Datasheet
180Kb / 14P
Anything-to-LVDS Dual 2 x 2 Crosspoint Switches
Rev 2; 5/07
MAX9392 MAXIM-MAX9392_07 Datasheet
183Kb / 14P
Anything-to-LVDS Dual 2 x 2 Crosspoint Switches
Rev 1; 5/07
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com