Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M22101 Datasheet(PDF) 4 Page - STMicroelectronics

Part # M22101
Description  WITH CONTROL MEMORY 4 X 4 X 2 CROSSPOINT SWITCHES
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M22101 Datasheet(HTML) 4 Page - STMicroelectronics

  M22101 Datasheet HTML 1Page - STMicroelectronics M22101 Datasheet HTML 2Page - STMicroelectronics M22101 Datasheet HTML 3Page - STMicroelectronics M22101 Datasheet HTML 4Page - STMicroelectronics M22101 Datasheet HTML 5Page - STMicroelectronics M22101 Datasheet HTML 6Page - STMicroelectronics M22101 Datasheet HTML 7Page - STMicroelectronics M22101 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
STATIC ELECTRICAL CHARACTERISTICS (over recommended operating conditions)
Symbol
Parameter
Test Conditios
Value
Unit
VI
(V)
VDD
(V)
TLOW *25
oCTHIGH *
Min.
Max.
Min.
Typ.
Max.
Min.
Max.
CROSSPOINT
IL
Quiescent
Supply
Current
F1
5
0.04
5
150
µA
10
0.04
10
300
15
0.04
20
600
20
0.08
100
3000
B1
5
0.04
20
150
10
0.04
40
300
15
0.04
80
600
RON
On
Resistance
F1
Any Switch
5
450
225
1250
1625
Ω
10
135
85
180
230
12
100
75
135
175
15
70
65
95
125
B1
VIS = 0 to VDD
5
1000
225
1250
1440
10
145
85
180
205
12
110
75
135
155
15
75
65
95
110
∆ON
Resistance
∆RON
(Between any two
channels)
535
Ω
10
20
12
18
15
15
OFF
Channel
Leakage
Current
F1
All Switch
OFF
0/18
18
±0.1
±10-3 ±0.1•±1
µA
B1
0/15
15
±0.3
±10-3 ±0.3
±1
CONTROL
VIL
Input Low
Voltage
OFF Switch
IL < 0.2
µA
5
1.5
1.5
1.5
V
10
3
3
3
15
4
4
4
VIH
Input High
Voltage
ON Switch
see RON
Characteristics
5
3.5
3.5
3.5
V
10
7
7
7
15
11
11
11
II
Input
Current
F1
Any Control
Input
0/18
18
±0.1
±10-5 ±0.1
±1
µA
B1
0/15
15
±0.3
±10-5 ±0.3
±1
CI
Input Capacitance
Any Input
5
7.5
pF
• Determined by minimum feasible leakage measurement for automatic testing
*TLOW =-55
oCfor HCC device: -40 oC for HCF device.
*THIGH =+125
oCfor HCC device: +85 oC for HCF device.
The Noise Margin for both ”1” and ”0” level is: 1V min. with VDD = 5 V, 2 V min. with VDD = 10 V, 2.5 V min. with VDD =15 V
M22101/M22102
4/8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com