Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M22101 Datasheet(PDF) 5 Page - STMicroelectronics

Part # M22101
Description  WITH CONTROL MEMORY 4 X 4 X 2 CROSSPOINT SWITCHES
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M22101 Datasheet(HTML) 5 Page - STMicroelectronics

  M22101 Datasheet HTML 1Page - STMicroelectronics M22101 Datasheet HTML 2Page - STMicroelectronics M22101 Datasheet HTML 3Page - STMicroelectronics M22101 Datasheet HTML 4Page - STMicroelectronics M22101 Datasheet HTML 5Page - STMicroelectronics M22101 Datasheet HTML 6Page - STMicroelectronics M22101 Datasheet HTML 7Page - STMicroelectronics M22101 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
DYNAMIC ELECTRICAL CHARACTERISTICS (Tamb =25
oC, CL =50 pF, RL = 200 K
Ω,
typical temperature coefficent for all VDD values is 03 %/
oC, all input rise and fall times= 20 ns)
Symbol
Parameter
Test Conditions
Value
Unit
VDD (V)
Min.
Typ.
Max.
tPHL
tPLH
Propagation Delay Time Address or Strobe
Inputs to Output
RL =10 K
Ω
CL =50 pF
12
200
ns
tPHL
tPLH
Propagation Delay Time Across Crosspoint
20
ns
Minimum Strobe Pulse Width
80
ns
M22101/M22102
5/8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com