Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M22101 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M22101
Description  WITH CONTROL MEMORY 4 X 4 X 2 CROSSPOINT SWITCHES
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M22101 Datasheet(HTML) 1 Page - STMicroelectronics

  M22101 Datasheet HTML 1Page - STMicroelectronics M22101 Datasheet HTML 2Page - STMicroelectronics M22101 Datasheet HTML 3Page - STMicroelectronics M22101 Datasheet HTML 4Page - STMicroelectronics M22101 Datasheet HTML 5Page - STMicroelectronics M22101 Datasheet HTML 6Page - STMicroelectronics M22101 Datasheet HTML 7Page - STMicroelectronics M22101 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
M22101
M22102
September 1988
WITH CONTROL MEMORY
4 X 4 X 2 CROSSPOINT SWITCHES
B1
(Plastic Package)
ORDER CODES :
M22XXX B1
M22XXX F1
F1
(Ceramic Package)
PIN CONNECTIONS
.
LOW ON RESISTANCE – 75
Ω TYP AT
VDD =12 V
.
”BUILT-IN” LATCHED INPUTS
.
LARGE ANALOG SIGNAL CAPACITY
± VDD/2
.
10 MHz SWITCH BANDWITH
.
MATCHED SWITCH CHARACTERISTICS
. ∆
RON = 8
Ω TYP, AT VDD =12 V
.
HIGH LINEARITY – 0.25 % DISTORTION TYP,
AT f = 1 kHz, VIN = 5 V, VDD -VSS = 10 V AND
RI = 1
Ω
.
STANDARD CMOS NOISE IMMUNITY
The M22101 and M22102 crosspoint switches con-
sist of 4 x 4 x 2 arrays of crosspoints (transmission
gates), 4-line to 16-line decoders, and 16 latch cir-
cuits. Any one of the sixteen crosspoint pairs can be
selected by applying the appropriate four-line ad-
dress and any number of crosspoint pairs can be ON
simultaneously. Corresponding crosspoints in each
array are turned on and OFF simultaneously, also.
In the M22101, the selected crosspoint pair can be
turned on or off by applying a logical ONE or ZERO,
respectively, to the data input, and applying a ONE
to the strobe input. When the device is ”power-up”,
the state of the 16 switches is indeterminate.
Therefore all switches must be turned off by putting
the strobe hight, data-in-low, and the addressing all
switches in succession.
The selected pair of crosspoints in the M22102 is
turned on by applying a logical ONE to the Ka (set)
input while a logical ZERO is on the Kb (reset) input,
and turned off by applying a logical ONE to the Kb
input while a logical ZERO is on the Ka input. In this
respect the control latches of the M22102 are similar
to SET/RESET flip-flops. They differ, however, in
that the simultaneous application of ONEs to the Ka
and Kb inputs turns off (resets) all crosspoints. All
crosspoints in both devices must be turned off as
VDD is applied.
DESCRIPTION
1/8


Similar Part No. - M22101

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M22100 STMICROELECTRONICS-M22100 Datasheet
265Kb / 13P
4 X 4 CROSSPOINT SWITCH WITH CONTROL MEMORY
Sep-1988
M22100 STMICROELECTRONICS-M22100 Datasheet
300Kb / 10P
4x4 CROSSPOINT SWITCH WITH CONTROL MEMORY
Feb-2003
M22100B1 STMICROELECTRONICS-M22100B1 Datasheet
300Kb / 10P
4x4 CROSSPOINT SWITCH WITH CONTROL MEMORY
Feb-2003
M22100 STMICROELECTRONICS-M22100_03 Datasheet
300Kb / 10P
4x4 CROSSPOINT SWITCH WITH CONTROL MEMORY
Feb-2003
More results

Similar Description - M22101

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M22100 STMICROELECTRONICS-M22100 Datasheet
265Kb / 13P
4 X 4 CROSSPOINT SWITCH WITH CONTROL MEMORY
Sep-1988
logo
Intersil Corporation
CD22100 INTERSIL-CD22100 Datasheet
104Kb / 10P
CMOS 4 x 4 Crosspoint Switch with Control Memory High-Voltage Type (20V Rating)
February 1999
logo
Harris Corporation
CD22101 HARRIS-CD22101 Datasheet
159Kb / 13P
CMOS 4 x 4 x 2 Crosspoint Switch with Control Memory
logo
Intersil Corporation
CD74HC22106 INTERSIL-CD74HC22106 Datasheet
68Kb / 9P
QMOS 8 x 8 x 1 Crosspoint Switches with Memory Control
January 1999
logo
Maxim Integrated Produc...
MAX9392 MAXIM-MAX9392 Datasheet
370Kb / 14P
Anything-to-LVDS Dual 2 x 2 Crosspoint Switches
Rev 0; 8/03
logo
STMicroelectronics
M3494 STMICROELECTRONICS-M3494 Datasheet
463Kb / 11P
CMOS 16 x 8 CROSSPOINT WITH CONTROL MEMORY
logo
Samsung semiconductor
KT8592 SAMSUNG-KT8592 Datasheet
338Kb / 9P
4 x 4 CROSSPOINT SWITCH WITH CONTROL MEMORY
logo
Harris Corporation
CD22100 HARRIS-CD22100 Datasheet
109Kb / 10P
CMOS 4 x 4 Crosspoint Switch with Control Memory High-Voltage Type (20V Rating)
logo
Maxim Integrated Produc...
MAX9390 MAXIM-MAX9390_07 Datasheet
180Kb / 14P
Anything-to-LVDS Dual 2 x 2 Crosspoint Switches
Rev 2; 5/07
MAX9392 MAXIM-MAX9392_07 Datasheet
183Kb / 14P
Anything-to-LVDS Dual 2 x 2 Crosspoint Switches
Rev 1; 5/07
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com