Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC835 Datasheet(PDF) 2 Page - Vitesse Semiconductor Corporation

Part # VSC835
Description  34x34 Crosspoint Switch with Signal Detection
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC835 Datasheet(HTML) 2 Page - Vitesse Semiconductor Corporation

  VSC835 Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC835 Datasheet HTML 2Page - Vitesse Semiconductor Corporation VSC835 Datasheet HTML 3Page - Vitesse Semiconductor Corporation VSC835 Datasheet HTML 4Page - Vitesse Semiconductor Corporation VSC835 Datasheet HTML 5Page - Vitesse Semiconductor Corporation VSC835 Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC835 Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC835 Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC835 Datasheet HTML 9Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
Datasheet
VSC835
2.5 Gbits/sec
34x34 Crosspoint Switch with Signal Detection
Page 2
© VITESSE SEMICONDUCTOR CORPORATION
741 Calle Plano, Camarillo, CA 93012 • 805/388-3700 • FAX: 805/987-5896
7/24/00
G52270-0, Rev. 4.1
Figure 1: Detailed Block Diagram
Functional Description
Data Paths
All input data must be differential and biased to PECL levels. On-chip terminations are provided, with a
nominal impedance of 50 ohms. All input termination resistors are tied to VTERM.
Data outputs are provided through differential current switches with on-chip terminations that produce a
PECL level output swing. The drive level of the output circuit is designed to produce standard PECL levels
when terminated in 50 ohms to 2.0 volts. Other termination voltages are possible, such as to VCC or 1.3 volts,
but the voltage level of the output will be shifted from its nominal value. The common-mode voltage of the out-
put swing can be adjusted using the VCOM pins. The adjustment range is not calibrated, but typically allows for
+/- 200mV of adjustment in common-mode voltage. The VCOM pin self-biases to a nominal value when left
unconnected.
Output channels can be powered off in pairs if fewer than 34 outputs are required. By connecting the VEE
pin associated with a given pair of outputs to VCC, the output pairs will pull to VCC and chip power will be
reduced by approximately 300mW per pair.
A,AN[33:0]
Control interface
DATA[5:0], ADDR[5:0]
ALE, CSB, WRB, RDB
INTB, MONCLK, CONFIG
Y,YN[33:0]
34
34 x 34
switch core
Program memory



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com