Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LLB20-C450 Datasheet(PDF) 5 Page - PAIRUI GROUP INC.

Part # LLB20-C450
Description  Constant Current LED Power Supplies
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAIRUI [PAIRUI GROUP INC.]
Direct Link  http://www.pairuigroup.com/Ch
Logo PAIRUI - PAIRUI GROUP INC.

LLB20-C450 Datasheet(HTML) 5 Page - PAIRUI GROUP INC.

  LLB20-C450 Datasheet HTML 1Page - PAIRUI GROUP INC. LLB20-C450 Datasheet HTML 2Page - PAIRUI GROUP INC. LLB20-C450 Datasheet HTML 3Page - PAIRUI GROUP INC. LLB20-C450 Datasheet HTML 4Page - PAIRUI GROUP INC. LLB20-C450 Datasheet HTML 5Page - PAIRUI GROUP INC. LLB20-C450 Datasheet HTML 6Page - PAIRUI GROUP INC. LLB20-C450 Datasheet HTML 7Page - PAIRUI GROUP INC. LLB20-C450 Datasheet HTML 8Page - PAIRUI GROUP INC.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
OUTPUT
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Output current accuracy
5
%
Line regulation
Vin from 100Vac(200Vac) to 240Vac
5
%
Load regulation
Vout from min. to max.
5
%
Output current overshoot
Turning on
10
%
Turn-on delay time
Cold start, power on
2
S
Ripple
Default models
Suffix “R” models
50%Io
5%Io
mAp-p
mAp-p
THD
Full load, Vin=220Vac
15
%
Protection
PRODUCT SPECIFICATION
led power supplies
www.pairuigroup.com
Page:4/6
PAIRUI ELECTRONICS
Short circuit
In hiccup mode, it will recover automatically after fault condition is removed
Over voltage
110-150% Vout, it will recover automatically after fault condition is removed
Over current
In hiccup mode, it will recover automatically after fault condition is removed
Updated 2017-V1.0-0704



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com