Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LLB20-C450 Datasheet(PDF) 1 Page - PAIRUI GROUP INC.

Part # LLB20-C450
Description  Constant Current LED Power Supplies
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAIRUI [PAIRUI GROUP INC.]
Direct Link  http://www.pairuigroup.com/Ch
Logo PAIRUI - PAIRUI GROUP INC.

LLB20-C450 Datasheet(HTML) 1 Page - PAIRUI GROUP INC.

  LLB20-C450 Datasheet HTML 1Page - PAIRUI GROUP INC. LLB20-C450 Datasheet HTML 2Page - PAIRUI GROUP INC. LLB20-C450 Datasheet HTML 3Page - PAIRUI GROUP INC. LLB20-C450 Datasheet HTML 4Page - PAIRUI GROUP INC. LLB20-C450 Datasheet HTML 5Page - PAIRUI GROUP INC. LLB20-C450 Datasheet HTML 6Page - PAIRUI GROUP INC. LLB20-C450 Datasheet HTML 7Page - PAIRUI GROUP INC. LLB20-C450 Datasheet HTML 8Page - PAIRUI GROUP INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
2017-V1.0-0704
Specifications
Constant Current LED Power Supplies
LL Series, 20~30W
2017
PAIRUI ELECTRONICS
Tel: 86
(514) 8279 1592
Fax: 86 (514) 8769 3159
No. 545 Museum Road
Yangzhou, Jiangsu
China 225009


Similar Part No. - LLB20-C450

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
LLB2520 TOKO-LLB2520 Datasheet
158Kb / 2P
Wire Wound Chip Inductors
LLB2520 TOKO-LLB2520_16 Datasheet
358Kb / 2P
Wire Wound Chip Inductors
logo
Zibo Seno Electronic En...
LLB2S ZSELEC-LLB2S Datasheet
340Kb / 2P
0.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
More results

Similar Description - LLB20-C450

ManufacturerPart #DatasheetDescription
logo
PAIRUI GROUP INC.
LCU-20C PAIRUI-LCU-20C Datasheet
576Kb / 10P
Constant Current LED Power Supplies
LNS-25C PAIRUI-LNS-25C Datasheet
751Kb / 10P
Constant Current LED Power Supplies
LNS-30C PAIRUI-LNS-30C Datasheet
843Kb / 10P
Constant Current LED Power Supplies
LNS-100C PAIRUI-LNS-100C Datasheet
701Kb / 10P
Constant Current LED Power Supplies
LVU24-C400 PAIRUI-LVU24-C400 Datasheet
715Kb / 8P
Constant Current LED Power Supplies
LXB-45C PAIRUI-LXB-45C Datasheet
658Kb / 7P
Constant Current LED Power Supplies
LXU-12C PAIRUI-LXU-12C Datasheet
636Kb / 7P
Constant Current LED Power Supplies
LFEU-35C PAIRUI-LFEU-35C Datasheet
615Kb / 8P
Constant Current LED Power Supplies
LFEU-100C PAIRUI-LFEU-100C Datasheet
605Kb / 8P
Constant Current LED Power Supplies
LVEU PAIRUI-LVEU Datasheet
591Kb / 8P
Constant Current LED Power Supplies
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com