Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMW Datasheet(PDF) 3 Page - Wall Industries,Inc.

Part # MMW
Description  Single and Dual Output 4:1 Input Voltage Range 25~30 Watt DC/DC Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

MMW Datasheet(HTML) 3 Page - Wall Industries,Inc.

  MMW Datasheet HTML 1Page - Wall Industries,Inc. MMW Datasheet HTML 2Page - Wall Industries,Inc. MMW Datasheet HTML 3Page - Wall Industries,Inc. MMW Datasheet HTML 4Page - Wall Industries,Inc. MMW Datasheet HTML 5Page - Wall Industries,Inc. MMW Datasheet HTML 6Page - Wall Industries,Inc. MMW Datasheet HTML 7Page - Wall Industries,Inc. MMW Datasheet HTML 8Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
11/14/2011
603-778-2300 www.wallindustries.com Fax 603-778-9797
Page 3 of 8
MMW Series
Single and Dual Output
4:1 Input Voltage Range
25~30 Watt DC/DC Converter
Rev C
BLOCK DIAGRAMS
Single Output
Dual Output
+Vo
PWM
Isolation
Ref.Amp
LC
Filter
+Vin
-Vin
-Vo
On/Off
Trim
OVP
OTP
OVP
+Vo
PWM
Isolation
Ref.Amp
LC
Filter
+Vin
-Vin
Com.
-Vo
On/Off
Trim
OVP
OTP
OVP
MECHANICAL DRAWING
55.32[2.18] max.
16.3[0.64] max.
Heat-Sink
Thermal pad
Clamp
Converter
10.16
[0.40]
10.16
[0.40]
10.16
[0.40]
[0.20]
5.08
6.0
[0.24]
10.2
[0.40]
7.6
[0.40]
10.16
5.08
[0.20]
3.6
]
0
3
.
0
[
]
4
1
.
0
[
40.6 [1.60]
BOTTOM VIEW
Physical Characteristics
Case Size: 2.0 x 1.6 x 0.4 inches (50.8 x 40.6 x 10.2 mm)
Case Material: Metal with non-conductive baseplate
Weight: 48g
Flammability: UL94V-0
Physical Characteristics
Heatsink Material: Aluminum
Finish: Anodic treatment (black)
Weight: 2g
The advantages of adding a Heatsink are:
1. To help heat dissipation and increase the stability and reliability of
DC/DC converters at high operating temperature atmosphere
2. To upgrade the operating temperature of DC/DC converters.
To order the converter with Heatsink please add the suffix “HS” to the
model number
Tolerance:
Millimeters
Inches
X.X±0.5
X.XX±0.02
X.XX±0.25
X.XXX±0.01
Pin Diameter:
±0.05
±0.002
5
6
7
8
1
2
4
Unit: mm [inches]
Unit: mm [inches]
PIN CONNECTIONS
PIN
SINGLE OUTPUT
DUAL OUTPUT
1
+Vin
+Vin
2
-Vin
-Vin
4
Remote ON/OFF
Remote ON/OFF
5
No Pin
+Vout
6
+Vout
Common
7
-Vout
-Vout
8
Trim
Trim
Standard Models
Heatsink Option



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com