Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMW Datasheet(PDF) 4 Page - Wall Industries,Inc.

Part # MMW
Description  Single and Dual Output 4:1 Input Voltage Range 25~30 Watt DC/DC Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

MMW Datasheet(HTML) 4 Page - Wall Industries,Inc.

  MMW Datasheet HTML 1Page - Wall Industries,Inc. MMW Datasheet HTML 2Page - Wall Industries,Inc. MMW Datasheet HTML 3Page - Wall Industries,Inc. MMW Datasheet HTML 4Page - Wall Industries,Inc. MMW Datasheet HTML 5Page - Wall Industries,Inc. MMW Datasheet HTML 6Page - Wall Industries,Inc. MMW Datasheet HTML 7Page - Wall Industries,Inc. MMW Datasheet HTML 8Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
11/14/2011
603-778-2300 www.wallindustries.com Fax 603-778-9797
Page 4 of 8
MMW Series
Single and Dual Output
4:1 Input Voltage Range
25~30 Watt DC/DC Converter
Rev C
INPUT VOLTAGE TRANSIENT RATING
10uS
150
140
130
120
110
100
90
80
70
60
100uS
1mS
10mS
100mS
50
40
30
20
10
0
48VDC Input Models
24VDC Input Models
EFFICIENCY GRAPHS
Efficiency vs Input Voltage (Single Output)
Efficiency vs Input Voltage (Dual Output)
Input Voltage (V)
Nom
Low
High
50
60
70
80
90
100
Input Voltage (V)
50
60
70
80
90
100
Nom
Low
High
Efficiency vs Output Load (Single Output)
Efficiency vs Output Load (Dual Output)
Load Current (%)
100
60
40
20
10
80
30
40
50
60
70
80
90
100
Load Current (%)
100
60
40
20
10
80
30
40
50
60
70
80
90
100



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com