Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSLS05 Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # PSLS05
Description  Isolation of 3000VAC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSLS05 Datasheet(HTML) 2 Page - Wall Industries,Inc.

  PSLS05 Datasheet HTML 1Page - Wall Industries,Inc. PSLS05 Datasheet HTML 2Page - Wall Industries,Inc. PSLS05 Datasheet HTML 3Page - Wall Industries,Inc. PSLS05 Datasheet HTML 4Page - Wall Industries,Inc. PSLS05 Datasheet HTML 5Page - Wall Industries,Inc. PSLS05 Datasheet HTML 6Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Rev B
PSLS05 SERIES
Up to 5 Watts
AC/DC Converter
Single Output
1/9/2018
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 2 of 6
SPECIFICATIONS
All specifications are based on 25°C, Humidity <75%, Nominal Input Voltage, and Rated Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
SPECIFICATION
TEST CONDITIONS
Min
Typ
Max
Unit
ENVIRONMENTAL SPECIFICATIONS
Operating Temperature
-25
+85
ºC
Storage Temperature
-40
+105
ºC
Storage Humidity
85
%RH
Welding Temperature
Wave-Soldering
260±5ºC; time: 5~10s
Manual-Welding
360±10ºC; time:3~5s
Power Derating
-25ºC~0ºC
0.8
%/ºC
+55ºC~+85ºC
1.33
MTBF
MIL-HDBK-217F @25ºC
300,000
Hours
GENERAL SPECIFICATIONS
Efficiency
230VAC, % typ.
See Table
Switching Frequency
100
kHz
Isolation Voltage
Input to Output (Test Time: 1min (leakage current setting value: 5mA)
3000
VAC
PHYSICAL SPECIFICATIONS
Weight
0.25oz (7g)
Dimensions (L x W x H)
Standard Pins
1.65in x 0.73in x 0.54in
(42mm x 18.50mm x 13.65mm)
-F Suffix
1.65in x 0.79in x 0.55in
(42mm x 20mm x 14mm)
Cooling
Free Air Convection
SAFETY CHARACTERISTICS
Safety Approvals & Regulated
Certification
IEC60950
EN60950
UL60950
Certifications
Standard Pin Models Only
UL, CE, CB
Safety Class
Class II
EMI
CE
CISPR22/EN55022(2)
CISPR22/EN55022(3)
Class A
Class B
RE
CISPR22/EN55022(2) (3)
Class B
ESD
IEC/EN61000-4-2
Contact ±4kV
Perf. Criteria B
RS
IEC/EN61000-4-3
10V/m
Perf. Criteria A
EFT
IEC/EN61000-4-4
±2kV(2)
Perf. Criteria B
IEC/EN61000-4-4
±4kV(3)
Perf. Criteria B
Surge
IEC/EN61000-4-5
Line to Line ±1kV(2)
Perf. Criteria B
IEC/EN61000-4-5
Line to Line ±1kV/line to ground ±2KV (3)
Perf. Criteria B
CS
IEC/EN61000-4-6
3Vr.m.s.(3)
Perf. Criteria A
PFM
IEC/EN61000-4-8
10A/m
Perf. Criteria A
Voltage Dips, Short Interruptions,
Voltage Variations Immunity
IEC/EN61000-4-11
0%-70%
Perf. Criteria B
NOTES
1. Add -F to model name to indicate 90º bent pin model.
2. See Fig. 1 for recommended circuit.
3. See Fig. 2 for recommended circuit
4. Module required dispensing fixed after assembled.
5. This part is open frame, at least 6.4mm safety distance between the primary and secondary external components of the module is needed to meet the
safety requirements.
6. Customization is available.
*Due to advances in technology, specifications subject to change without notice.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com