Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSLS05 Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # PSLS05
Description  Isolation of 3000VAC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSLS05 Datasheet(HTML) 1 Page - Wall Industries,Inc.

  PSLS05 Datasheet HTML 1Page - Wall Industries,Inc. PSLS05 Datasheet HTML 2Page - Wall Industries,Inc. PSLS05 Datasheet HTML 3Page - Wall Industries,Inc. PSLS05 Datasheet HTML 4Page - Wall Industries,Inc. PSLS05 Datasheet HTML 5Page - Wall Industries,Inc. PSLS05 Datasheet HTML 6Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Rev B
PSLS05 SERIES
Up to 5 Watts
AC/DC Converter
Single Output
1/9/2018
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 1 of 6
Standard Pins
90 Degree Bent Pins (-F Suffix)
FEATURES
• Wide Input Voltage Range:
85~264VAC/100~400VDC
• Ultra-Slim SIP Package with Optional
90º Bend
• Industrial Grade
• Isolation of 3000VAC
• Compact Size
• Over Voltage, Over Current and
Short Circuit Protection
• RoHS Compliant
• IEC60950, UL60950, and EN60950
Safety Approvals
DESCRIPTION
The PSLS05 series of AC/DC converters offers up to 5 watts of output power in
an ultra slim SIP package. This series consists of single output models with a
wide input voltage range of 85~264VAC/100~400VDC. Each model in this series
is industrial grade, has isolation of 3000VAC, and is RoHS compliant. This
series also has IEC60950, UL60905, and EN60950 safety approvals and is
RoHS compliant.
Size: 1.65in x 0.73in x 0.54in
Size: 1.65in x 0.79in x 0.55in
MODEL SELECTION TABLE
Model Number(1)
Input Voltage Range
Output Voltage
Output Current
Maximum Capacitive Load
Efficiency
Output Power
PSLS05-15B03SS
85-264VAC
(100-400VDC)
3.3V
1A
2200µF
67%
3.3W
PSLS05-15B05SS
5V
1A
1500µF
74%
5W
PSLS05-15B09SS
9V
0.56A
680µF
75%
PSLS05-15B12SS
12V
0.42A
470µF
76%
PSLS05-15B15SS
15V
0.34A
330µF
77%
PSLS05-15B24SS
24V
0.21A
100µF
79%
SPECIFICATIONS
All specifications are based on 25°C, Humidity <75%, Nominal Input Voltage, and Rated Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
SPECIFICATION
TEST CONDITIONS
Min
Typ
Max
Unit
INPUT SPECIFICATIONS
Input Voltage Range
Conventional
100
240
VAC
AC Input
85
264
DC Input
100
400
VDC
Input Frequency
47
63
Hz
Input Current
115VAC
0.2
A
230VAC
0.1
Inrush Current
115VAC
5
A
230VAC
10
Leakage Current
CY0 is 1nF/400VAC
0.25
mA
OUTPUT SPECIFICATIONS
Output Voltage
See Table
Voltage Accuracy
3.3V Model
±2
±3
%
All Other Models
±1
±2
Line Regulation
Full Load
±0.1
±0.5
%
Load Regulation
10%-100% Load
±1
±1.5
%
Output Power
See Table
Output Current
See Table
Maximum Capacitive Load
See Table
Ripple & Noise
20MHz bandwidth (peak-peak value)
50
150
mV
Temperature Drift Coefficient
±0.02
%/ºC
Stand-By Power Consumption
0.5
W
Min Load
0
%
Hold Up Time
115VAC Input
20
mS
230VAC Input
80
PROTECTION
Short Circuit Protection
Continuous, Self-Recovery
Over Current Protection
≥110%Io, Self-Recovery
Over Voltage Protection
Zener Clamp Diode


Similar Part No. - PSLS05

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSLS05 WALL-PSLS05 Datasheet
490Kb / 5P
PSLS05 SERIES
PSLS05-15B03SS WALL-PSLS05-15B03SS Datasheet
490Kb / 5P
PSLS05 SERIES
PSLS05-15B05SS WALL-PSLS05-15B05SS Datasheet
490Kb / 5P
PSLS05 SERIES
PSLS05-15B09SS WALL-PSLS05-15B09SS Datasheet
490Kb / 5P
PSLS05 SERIES
PSLS05-15B12SS WALL-PSLS05-15B12SS Datasheet
490Kb / 5P
PSLS05 SERIES
More results

Similar Description - PSLS05

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS2801-1-F3-A CEL-PS2801-1-F3-A Datasheet
251Kb / 17P
HIGH ISOLATION VOLTAGE SSOP PHOTOCOUPLER
December 2008
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-782T-000E AVAGO-ACPL-782T-000E Datasheet
257Kb / 18P
Automotive Isolation Amplifier with R2Coupler??Isolation
logo
List of Unclassifed Man...
FNA41560B2 ETC2-FNA41560B2 Datasheet
3Mb / 16P
UL Certified No. E209204, Isolation Rating of 2000 Vrms / min
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-782T-300E AVAGO-ACPL-782T-300E Datasheet
257Kb / 18P
Automotive Isolation Amplifier with R2Coupler Isolation
logo
AIMTEC
AM3HW-NZ AIMTEC-AM3HW-NZ Datasheet
154Kb / 3P
Input to Output Isolation of 1500VDC
AM50E-NZ AIMTEC-AM50E-NZ Datasheet
257Kb / 5P
Input to Output Isolation of 1500VDC
logo
MORNSUN Science& Techno...
URB1D03LMD-10WR3 MORNSUN-URB1D03LMD-10WR3 Datasheet
4Mb / 8P
Enhanced isolation, isolation voltage
logo
Silicon Laboratories
SI88X2X SILABS-SI88X2X Datasheet
768Kb / 45P
Isolation of up to 5000 Vrms
logo
ETAL Group
ESS20-0 ETAL-ESS20-0 Datasheet
462Kb / 6P
Selective load protection with physical isolation in the event of a fault
logo
STMicroelectronics
STEVAL-IPE014V1 STMICROELECTRONICS-STEVAL-IPE014V1 Datasheet
126Kb / 4P
Isolation of current channel
03-Nov-2014
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com