Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STO2SCHWARZ Datasheet(PDF) 1 Page - Lumberg

Part # STO2SCHWARZ
Description  RCA connectors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMBERG [Lumberg]
Direct Link  http://www.lumberg.com
Logo LUMBERG - Lumberg

STO2SCHWARZ Datasheet(HTML) 1 Page - Lumberg

  STO2SCHWARZ Datasheet HTML 1Page - Lumberg STO2SCHWARZ Datasheet HTML 2Page - Lumberg STO2SCHWARZ Datasheet HTML 3Page - Lumberg  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
15 STO 2
01/2018
1
RCA connectors
RCA plug acc. to JEITA RC-5231, straight version, with
metal housing, bend protection and solder terminals
State: Active
of 3


Similar Part No. - STO2SCHWARZ

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STO24N60M6 STMICROELECTRONICS-STO24N60M6 Datasheet
1Mb / 15P
N-channel 600 V, 162 m typ., 17 A, MDmesh M6 Power MOSFET in a TO‑LL package
20-May-2021
More results

Similar Description - STO2SCHWARZ

ManufacturerPart #DatasheetDescription
logo
Lumberg
155202V LUMBERG-155202V Datasheet
261Kb / 3P
RCA connectors
155302 LUMBERG-155302 Datasheet
604Kb / 3P
RCA connectors
157301V LUMBERG-157301V Datasheet
808Kb / 3P
RCA connectors
BTO1V LUMBERG-BTO1V Datasheet
408Kb / 3P
RCA connectors
BTOR1 LUMBERG-BTOR1 Datasheet
467Kb / 3P
RCA connectors
BTO1 LUMBERG-BTO1 Datasheet
328Kb / 3P
RCA connectors
KTO1 LUMBERG-KTO1 Datasheet
402Kb / 3P
RCA connectors
STO11V LUMBERG-STO11V Datasheet
560Kb / 3P
RCA connectors
XKTO1 LUMBERG-XKTO1_18 Datasheet
799Kb / 3P
RCA connectors
XSTO1 LUMBERG-XSTO1 Datasheet
777Kb / 3P
RCA connectors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com