Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STO2SCHWARZ Datasheet(PDF) 2 Page - Lumberg

Part # STO2SCHWARZ
Description  RCA connectors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMBERG [Lumberg]
Direct Link  http://www.lumberg.com
Logo LUMBERG - Lumberg

STO2SCHWARZ Datasheet(HTML) 2 Page - Lumberg

  STO2SCHWARZ Datasheet HTML 1Page - Lumberg STO2SCHWARZ Datasheet HTML 2Page - Lumberg STO2SCHWARZ Datasheet HTML 3Page - Lumberg  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
15 STO 2
01/2018
2
Environmental conditions
Temperature range
-20 °C/+70 °C
Materials
Insulating body
ABS
Inner contact
CuZn, nickel-plated
Outer contact
steel, nickel-plated
Housing
CuZn, nickel-plated
Bend protection sleeve
PVC
Connectable conductors for solder area
Cable diameter
4 mm
Electrical data (at Tamb 20 °C)
Rated current
2 A
Rated voltage
34 V AC/DC
Rated impulse voltage
250 V/60 s
Insulation resistance
≥ 100 MΩ
Associated products
Counterparts
�
1552 02 V
�
1553 02
�
4514
�
BTO 1
�
BTO 1 V
�
BTOR 1
�
KTO 1
�
XKTO 1
of 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com