Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GWCSHPM1.PM Datasheet(PDF) 1 Page - OSRAM GmbH

Part # GWCSHPM1.PM
Description  SMT ceramic package with silicone resin and silicone lens
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

GWCSHPM1.PM Datasheet(HTML) 1 Page - OSRAM GmbH

  GWCSHPM1.PM Datasheet HTML 1Page - OSRAM GmbH GWCSHPM1.PM Datasheet HTML 2Page - OSRAM GmbH GWCSHPM1.PM Datasheet HTML 3Page - OSRAM GmbH GWCSHPM1.PM Datasheet HTML 4Page - OSRAM GmbH GWCSHPM1.PM Datasheet HTML 5Page - OSRAM GmbH GWCSHPM1.PM Datasheet HTML 6Page - OSRAM GmbH GWCSHPM1.PM Datasheet HTML 7Page - OSRAM GmbH GWCSHPM1.PM Datasheet HTML 8Page - OSRAM GmbH GWCSHPM1.PM Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
2017-11-09
1
2017-11-09
OSLON SSL 150
Datasheet
Version 1.4
GW CSHPM1.PM
Higher performance. Lower thermal resistance.
Extended range of driving conditions. This OSLON
SSL family new generation LED provides a wide
radiation pattern allowing perfect interaction and
various designs including color mixing LED clusters.
Higher performance. Lower thermal resistance.
Extended range of driving conditions. This OSLON
SSL family new generation LED provides a wide
radiation pattern allowing perfect interaction and
various designs including color mixing LED clusters.
Features:
Besondere Merkmale:
•
Package: SMT ceramic package with silicone resin
and silicone lens
•
Gehäusetyp: SMT-Keramikgehäuse mit
Silikonverguss und -linse
•
Viewing angle at 50 % I
V: 150°
•
Abstrahlwinkel bei 50 % I
V: 150°
•
Color: 3000 K - 6500 K (warm, neutral and cool
white)
•
Farbe: 3000 K - 6500 K (warm, neutral and cool
white)
•
CRI: min. 70
•
CRI: min. 70
•
Luminous Flux: typ. 144 lm @ 5000 K, 85 °C
•
Lichtstrom: typ. 144 lm @ 5000 K, 85 °C
•
Luminous efficacy: typ. 144 lm/W @ 5000 K,
85 °C
•
Lichtausbeute: typ. 144 lm/W @ 5000 K, 85 °C
•
Corrosion Robustness: Superior Corrosion
Robustness
•
Korrosionsstabilität: Höchste
Korrosionsbeständigkeit
•
Lumen Maintenance: Test results according to
IESNA LM-80 available
•
Lichtstromerhaltung: Testergebnisse nach
IESNA LM-80 verfügbar
Applications
Anwendungen
•
Accent and effect lighting
•
Akzent- und Effektbeleuchtung
•
Architectural lighting
•
Architekturbeleuchtung
•
Industrial lighting
•
Industriebeleuchtung
•
Outdoor lighting
•
Außenbeleuchtung


Similar Part No. - GWCSHPM1.PM

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
GWCSHPM1.CM OSRAM-GWCSHPM1.CM Datasheet
2Mb / 25P
SMT ceramic package with silicone resin and silicone lens
GWCSHPM1.EM OSRAM-GWCSHPM1.EM Datasheet
2Mb / 25P
SMT ceramic package with silicone resin and silicone lens
logo
ams-OSRAM AG
GWCSHPM1.EM AMSOSRAM-GWCSHPM1.EM Datasheet
1Mb / 25P
OSLON® SSL 150
More results

Similar Description - GWCSHPM1.PM

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
GWCS8PM1.EM OSRAM-GWCS8PM1.EM Datasheet
1Mb / 25P
SMT ceramic package with silicone resin and silicone lens
GWCSSRM1.BM OSRAM-GWCSSRM1.BM Datasheet
1Mb / 25P
SMT ceramic package with silicone resin and silicone lens
GF-CS8PM2.24 OSRAM-GF-CS8PM2.24 Datasheet
1Mb / 22P
SMT ceramic package with silicone resin and silicone lens
GF-CSHPM1.24 OSRAM-GF-CSHPM1.24 Datasheet
378Kb / 22P
SMT ceramic package with silicone resin and silicone lens
GH-CSSRM2.24 OSRAM-GH-CSSRM2.24 Datasheet
1Mb / 22P
SMT ceramic package with silicone resin and silicone lens
LA-CP7P OSRAM-LA-CP7P Datasheet
884Kb / 20P
SMT ceramic package with silicone resin and silicone lens
LA-CPDP OSRAM-LA-CPDP Datasheet
1Mb / 23P
SMT ceramic package with silicone resin and silicone lens
LD-CQDP OSRAM-LD-CQDP Datasheet
1Mb / 23P
SMT ceramic package with silicone resin and silicone lens
GW-CSSRM2.PM OSRAM-GW-CSSRM2.PM Datasheet
2Mb / 25P
SMT ceramic package with silicone resin and silicone lens
LUW-CQ7P OSRAM-LUW-CQ7P Datasheet
1Mb / 26P
SMT ceramic package with silicone resin and silicone lens
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com