Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GWDASPA1.UC Datasheet(PDF) 16 Page - OSRAM GmbH

Part # GWDASPA1.UC
Description  Optimized for high efficacies under application conditions
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

GWDASPA1.UC Datasheet(HTML) 16 Page - OSRAM GmbH

Back Button GWDASPA1.UC Datasheet HTML 11Page - OSRAM GmbH GWDASPA1.UC Datasheet HTML 12Page - OSRAM GmbH GWDASPA1.UC Datasheet HTML 13Page - OSRAM GmbH GWDASPA1.UC Datasheet HTML 14Page - OSRAM GmbH GWDASPA1.UC Datasheet HTML 15Page - OSRAM GmbH GWDASPA1.UC Datasheet HTML 16Page - OSRAM GmbH GWDASPA1.UC Datasheet HTML 17Page - OSRAM GmbH GWDASPA1.UC Datasheet HTML 18Page - OSRAM GmbH GWDASPA1.UC Datasheet HTML 19Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
Version 0.0
GW DASPA1.UC
2012-12-14
16
DRAFT – For Reference only. Subject to change.
Barcode Product Label
Barcode-Produktetikett
Dry Packing Process and Materials
Trockenverpackung und Materialien
Note:
Moisture-sensitve products are being packed into a dry bag containing desiccant and a humidity card.
Regarding dry packs you will find further information in the internet and in the Short Form Catalog in chapter
“Tape and Reel” under the topic “Dry Pack”. Here you will also find the normative references like JEDEC.
Anm.:
Feuchteempfindliche Produkte werden zusammen mit einem Trockenmittel und einer Feuchteindikationskarte
in einem Trockenbeutel verpackt.
Bezüglich Trockenverpackung finden Sie weitere Hinweise im Internet und in unserem Shortform-Katalog im
Kapitel „Gurtung und Verpackung” unter dem Punkt „Trockenverpackung”. Hier sind Normenbezüge, unter
anderem ein Auszug der JEDEC-Norm, enthalten.
(G) GROUP:
1234567890
(1T) LOT NO:
(9D) D/C:
1234
(X) PROD NO:
123456789
(6P) BATCH NO:
1234567890
LX XXXX
RoHS Compliant
BIN1: XX-XX-X-XXX-X
ML
2
Temp
ST
260 °C R
Pack: R18
DEMY
022
B_R999_1880.1642 R
9999
(Q)QTY:
Semiconductors
OSRAM Opto
XX-XX-X-X
OHA00539
Moisture-sensitive label or print
Barcode label
Desiccant
Humidity indicator
Barcode label
OSR
AM
M
o
is
tu
re
Le
ve
l 3
F
lo
o
r
tim
e
1
6
8
H
o
u
rs
M
o
is
tu
re
L
e
ve
l
6
F
lo
or
ti
m
e
6
H
o
u
rs
a
)
H
u
m
id
it
y
In
d
ic
a
to
r
C
a
rd
is
>
1
0
%
w
h
e
n
re
a
d
a
t
2
3
˚
C
±
5
˚C
, o
r
re
fl
o
w
,
v
a
p
o
r-
ph
a
se
ref
low
,
o
r
e
q
u
iv
a
le
n
t
p
ro
ce
s
si
n
g
(p
e
a
k
p
a
c
k
a
g
e
2
.
A
ft
e
r
th
is
b
a
g
i
s
o
p
e
n
e
d
,
d
e
vi
c
e
s
th
a
t
w
ill
b
e
s
u
b
je
c
te
d
to
in
fr
a
re
d
1
.
S
h
e
lf
life
i
n
s
e
a
le
d
b
a
g
:
2
4
mo
n
th
s
a
t
<
4
0
˚C
a
n
d
<
90
%
re
la
ti
v
e
h
u
mi
di
ty
(R
H
).
Mo
is
tu
re
L
e
ve
l
5
a
a
t
fa
c
to
ry
c
o
n
d
it
ion
s
o
f
(i
f
b
la
n
k
,
s
e
a
l d
a
te
is
id
e
n
ti
ca
l wi
th
d
a
te
co
d
e
).
a
)
M
o
u
n
te
d
wi
th
in
b
)
S
to
re
d
a
t
b
o
dy
te
m
p
.
3
.
D
e
v
ic
e
s
re
qu
ir
e
b
a
k
in
g
,
b
e
fo
re
m
o
u
n
ti
n
g
,
if
:
B
a
g
s
e
a
l
d
a
te
M
o
is
tu
re
L
e
v
e
l
1
M
o
is
tu
re
L
e
v
e
l 2
Mo
is
tu
re
L
e
v
e
l
2
a
4
.
If
b
a
k
in
g
is
re
q
u
ir
e
d
,
b
)
2
a
or
2
b
is
n
o
t
m
e
t.
D
a
te
a
n
d
ti
me
o
p
e
n
e
d
:
re
fe
re
n
ce
I
PC
/J
E
D
E
C
J
-S
T
D
-0
33
fo
r
b
a
k
e
p
ro
c
e
d
u
re
.
Fl
o
o
r t
im
e
s
e
e
b
e
lo
w
If
b
la
n
k,
se
e
ba
r
c
o
d
e
la
b
e
l
F
lo
o
r
tim
e
>
1
Ye
a
r
Fl
o
or
tim
e
1
Y
e
a
r
F
lo
o
r
tim
e
4
We
e
k
s
1
0
%
R
H
.
_
<
M
o
is
tu
re
L
ev
e
l 4
M
o
is
tu
re
L
e
v
e
l
5
˚C
).
OP
T
O
S
EM
IC
O
ND
U
C
TO
R
S
M
OI
S
T
U
RE
S
E
N
S
IT
IV
E
T
hi
s
b
ag
co
nt
ai
ns
C
A
U
T
IO
N
F
lo
o
r
ti
m
e
7
2
H
o
u
rs
F
lo
o
r
tim
e
4
8
H
o
u
rs
Fl
o
o
r
ti
m
e
2
4
H
o
u
rs
3
0
˚
C
/6
0
%
R
H
.
_
<
L
E
V
E
L
If
b
la
n
k
,
s
ee
b
a
r
c
o
d
e
la
b
e
l



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com