Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GWDASPA2.EC Datasheet(PDF) 12 Page - OSRAM GmbH

Part # GWDASPA2.EC
Description  SMT package
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

GWDASPA2.EC Datasheet(HTML) 12 Page - OSRAM GmbH

Back Button GWDASPA2.EC Datasheet HTML 8Page - OSRAM GmbH GWDASPA2.EC Datasheet HTML 9Page - OSRAM GmbH GWDASPA2.EC Datasheet HTML 10Page - OSRAM GmbH GWDASPA2.EC Datasheet HTML 11Page - OSRAM GmbH GWDASPA2.EC Datasheet HTML 12Page - OSRAM GmbH GWDASPA2.EC Datasheet HTML 13Page - OSRAM GmbH GWDASPA2.EC Datasheet HTML 14Page - OSRAM GmbH GWDASPA2.EC Datasheet HTML 15Page - OSRAM GmbH GWDASPA2.EC Datasheet HTML 16Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
2017-12-12
12
Version 1.0
GW DASPA2.EC
IF = f (VF); TJ = 25 °C
ΦV/ΦV(100 mA) = f(IF); TJ = 25 °C
ΔCx, ΔCy = f(IF); TJ = 25 °C
GW DASPA2.EC
2,7
2,8
2,9
3,0
3,1
VF [V]
30
50
100
150
200
250
IF [mA]
GW DASPA2.EC
30 50
10
0
15
0
20
0
25
0
IF [mA]
0,0
0,5
1,0
1,5
2,0
ΦV
ΦV(100mA)
GW DASPA2.EC
30 50
10
0
15
0
20
0
25
0
IF [mA]
-0,03
-0,02
-0,01
0,00
0,01
0,02
0,03
∆Cx
∆Cy
:
∆ Cx -
:
∆ Cy -
Forward Current 7) page 24 , 8) page 24
Durchlassstrom 7) Seite 24 , 8) Seite 24
Relative Luminous Flux 7) page 24 , 8) page 24
Relativer Lichtstrom 7) Seite 24 , 8) Seite 24
Chromaticity Coordinate Shift 7) page 24
Farbortverschiebung 7) Seite 24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com