Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GWDASPA2.EC Datasheet(PDF) 1 Page - OSRAM GmbH

Part # GWDASPA2.EC
Description  SMT package
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

GWDASPA2.EC Datasheet(HTML) 1 Page - OSRAM GmbH

  GWDASPA2.EC Datasheet HTML 1Page - OSRAM GmbH GWDASPA2.EC Datasheet HTML 2Page - OSRAM GmbH GWDASPA2.EC Datasheet HTML 3Page - OSRAM GmbH GWDASPA2.EC Datasheet HTML 4Page - OSRAM GmbH GWDASPA2.EC Datasheet HTML 5Page - OSRAM GmbH GWDASPA2.EC Datasheet HTML 6Page - OSRAM GmbH GWDASPA2.EC Datasheet HTML 7Page - OSRAM GmbH GWDASPA2.EC Datasheet HTML 8Page - OSRAM GmbH GWDASPA2.EC Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
2017-12-12
1
2017-12-12
OSCONIQ P 2226
Datasheet
Version 1.0
GW DASPA2.EC
High-efficacy mid-power LED with long lifetimes also
at high currents and high junction temperatures.
Hocheffiziente LED mittlerer Leistungsklasse mit
langer Lebensdauer auch bei hohen Strömen und
hohen Sperrschichttemperaturen.
Applications
Anwendungen
•
Architectural lighting
•
Architekturbeleuchtung
•
Accent and effect lighting
•
Akzent- und Effektbeleuchtung
•
Room lighting: ceiling light, cove lighting,
chandeliers, pendants, sconces
•
Raumbeleuchtung: Deckenbeleuchtung,
Nischenbeleuchtung, Kronleuchter,
Hängeleuchten, Wandleuchter
•
Channel letters
•
Leuchtlettern
•
Linear lights
•
Linearbeleuchtung
Features:
Besondere Merkmale:
•
Package: SMT package
•
Gehäusetyp: SMT Gehäuse
•
Viewing angle at 50 % I
V: 120°
•
Abstrahlwinkel bei 50 % I
V: 120°
•
Color: 2700 K - 6500 K (white)
•
Farbe: 2700 K - 6500 K (weiß)
•
CRI: min. 80 ( typ. 83 )
•
CRI: min. 80 ( typ. 83 )
•
Luminous Flux: typ. 37 lm @ 3000 K
•
Lichtstrom: typ. 37 lm @ 3000 K
•
Luminous efficacy: typ. 130 lm/W @ 3000 K
•
Lichtausbeute: typ. 130 lm/W @ 3000 K
•
Lumen Maintenance: Test results according to
IESNA LM-80 available
•
Lichtstromerhaltung: Testergebnisse nach
IESNA LM-80 verfügbar


Similar Part No. - GWDASPA2.EC

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
GWDASPA1.EC OSRAM-GWDASPA1.EC Datasheet
1Mb / 26P
Architectural lighting
logo
ams AG
GWDASPA1.EC AMSCO-GWDASPA1.EC Datasheet
1Mb / 26P
High-efficacy mid-power LED with long lifetimes also at high currents and high junction temperatures.
Version 1.6
logo
OSRAM GmbH
GWDASPA1.EC-GUHQ-5U8X-1 OSRAM-GWDASPA1.EC-GUHQ-5U8X-1 Datasheet
1Mb / 26P
Architectural lighting
logo
ams AG
GWDASPA1.EC-GUHQ-5U8X-1 AMSCO-GWDASPA1.EC-GUHQ-5U8X-1 Datasheet
1Mb / 26P
High-efficacy mid-power LED with long lifetimes also at high currents and high junction temperatures.
Version 1.6
logo
OSRAM GmbH
GWDASPA1.EC-HQHS-5O8Q-1 OSRAM-GWDASPA1.EC-HQHS-5O8Q-1 Datasheet
1Mb / 26P
Architectural lighting
More results

Similar Description - GWDASPA2.EC

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LWVH8G-Q2OO-4M6N-1 OSRAM-LWVH8G-Q2OO-4M6N-1 Datasheet
964Kb / 23P
SMT package
GB-DASPA1.13 OSRAM-GB-DASPA1.13 Datasheet
1Mb / 22P
SMT package
GD-DASPA2.14 OSRAM-GD-DASPA2.14 Datasheet
1Mb / 21P
SMT package
GF-DASPA2.24 OSRAM-GF-DASPA2.24 Datasheet
1Mb / 21P
SMT package
GR-DASPA1.23 OSRAM-GR-DASPA1.23 Datasheet
566Kb / 22P
SMT package
GR-DASPA2.23 OSRAM-GR-DASPA2.23 Datasheet
1Mb / 21P
SMT package
GT-DASPA1.13 OSRAM-GT-DASPA1.13 Datasheet
1Mb / 22P
SMT package
GW-DASPA1.EC OSRAM-GW-DASPA1.EC Datasheet
1Mb / 26P
SMT package
GY-DASPA2.23 OSRAM-GY-DASPA2.23 Datasheet
1Mb / 21P
SMT package
GW-DASPA2.EC OSRAM-GW-DASPA2.EC Datasheet
1Mb / 25P
SMT package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com