Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GWSBLMA1.EM Datasheet(PDF) 12 Page - OSRAM GmbH

Part # GWSBLMA1.EM
Description  white SMT package, colored diffused silicone resin
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

GWSBLMA1.EM Datasheet(HTML) 12 Page - OSRAM GmbH

Back Button GWSBLMA1.EM Datasheet HTML 8Page - OSRAM GmbH GWSBLMA1.EM Datasheet HTML 9Page - OSRAM GmbH GWSBLMA1.EM Datasheet HTML 10Page - OSRAM GmbH GWSBLMA1.EM Datasheet HTML 11Page - OSRAM GmbH GWSBLMA1.EM Datasheet HTML 12Page - OSRAM GmbH GWSBLMA1.EM Datasheet HTML 13Page - OSRAM GmbH GWSBLMA1.EM Datasheet HTML 14Page - OSRAM GmbH GWSBLMA1.EM Datasheet HTML 15Page - OSRAM GmbH GWSBLMA1.EM Datasheet HTML 16Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
Version 2.2
GW SBLMA1.EM
IF = f (VF); TS = 25 °C
ΦV/ΦV(65 mA) = f(IF); TS = 25 °C
ΔCx, ΔCy = f(IF); TS = 25 °C
GW SBLMA1.EM
2,6
3,3
2,8
3,0
3,2
VF
[V]
10
150
20
40
60
80
100
120
140
IF
[mA]
GW SBLMA1.EM
10
15
0
40
60
80
10
0
12
0
IF
[mA]
0,5
1,0
1,5
2,0
ΦV
ΦV
(65mA)
GW SBLMA1.EM
10
15
0
40
60
80
10
0
12
0
IF
[mA]
-0,02
-0,01
0,00
0,01
0,02
∆
Cx
∆
Cy
: ∆ Cx - white
: ∆ Cy - white
2016-07-21
12
Forward Current 5) page 24 , 7) page 24
Durchlassstrom 5) Seite 24 , 7) Seite 24
Relative Luminous Flux 5) page 24 , 7) page 24
Relativer Lichtstrom 5) Seite 24 , 7) Seite 24
Chromaticity Coordinate Shift 5) page 24
Farbortverschiebung 5) Seite 24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com