Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCHC1004H-R22M Datasheet(PDF) 4 Page - Allied Components International

Part # PCHC1004H-R22M
Description  Power Choke High Current
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

PCHC1004H-R22M Datasheet(HTML) 4 Page - Allied Components International

  PCHC1004H-R22M Datasheet HTML 1Page - Allied Components International PCHC1004H-R22M Datasheet HTML 2Page - Allied Components International PCHC1004H-R22M Datasheet HTML 3Page - Allied Components International PCHC1004H-R22M Datasheet HTML 4Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Power Choke High Current
PCHC1004H
15
ALLIED COMPONENTS INTERNATIONAL
949-356-1780
www.alliedcomponents.com
RoHS
10/23/2017
PAGE 4 OF 4
Packaging Information
Reel Dimension
Tape Dimension
.079±.02
2.0±0.5
EMBOSSED CARRIER
A
COVER TAPE
A
B
C
D
.158
4.0
.079
2.0
.059
1.5
.413±.003
10.5±0.1
.629±.003
16.0±0.1
.177±.003
4.5±0.1
.014±.002
0.35±0.05
3°
.944±.019
24.0±0.5
3.93±.078
100±2
.531±.019
13.5±0.5
13
330



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com