Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCHC1004H-R22M Datasheet(PDF) 1 Page - Allied Components International

Part # PCHC1004H-R22M
Description  Power Choke High Current
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

PCHC1004H-R22M Datasheet(HTML) 1 Page - Allied Components International

  PCHC1004H-R22M Datasheet HTML 1Page - Allied Components International PCHC1004H-R22M Datasheet HTML 2Page - Allied Components International PCHC1004H-R22M Datasheet HTML 3Page - Allied Components International PCHC1004H-R22M Datasheet HTML 4Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Power Choke High Current
PCHC1004H
15
DCR
(mΩ)
Typ.@25°C
Isat
(A)
Typ.
Allied
Part
Number
Inductance
(µH)
±20% @ 0A
ALLIED COMPONENTS INTERNATIONAL
949-356-1780
www.alliedcomponents.com
RoHS
All specifications subject to change without notice.
10/23/2017
Irms
(A)
Typ.
Features
• Magnetically shielded construction
• Expanded operating temp range
Electrical
Inductance Range: 0.15µH to 68µH
Tolerance: ±20% Across entire series
Operating Temp: -40ºC to +125ºC
Test Equipment
(L): HP4284A LCR meter or equivalent
Pre-Heat: 150ºC, 1 minute.
Physical
Packaging: 500 pieces per 13 inch reel.
Solderability
Solder Composition: Sn99.5% Cu5%
Solder Temp: 260ºC ± 5ºC
DCR: CH16502, Agilent 33420A Mirco-Ohmmeter
Marking: EIA Inductance Code/ Date Code
Irms: Current at which
without core loss.
Isat: Current at which Inductance drop is
appoximately 20%. The part temperature
(ambient + temp rise) should not exceed 125°C
under worst case operating conditions.
Test Frequency: 100KHz, 1V
• Very Low Acoustic Noise & Leakage flux
• Suitable for pick and place
∆
T=40ºC temp rise
Immersion Time: 10± 1 Sec.
75
60
60
60
60
60
60
45
43
40
39
36
33
33
27
23
20
18
17
14
13.5
12.5
12.0
10
7.0
6.0
5.0
4.5
3.0
43
35
33
32
31
31
30
29
28
25
22
18
17
16
12
11.5
11
10.2
10
9.0
8.5
8.0
7.5
6.25
5.0
4.0
3.5
3.0
2.0
• Series is RoHS Compliant
PAGE 1 OF 4
DCR
(mΩ)
Max@25°C
0.6
1.0
1.0
1.1
1.2
1.2
1.3
1.5
1.5
1.8
2.7
3.3
3.8
4.6
7.0
8.7
11.8
15
15.5
19.3
23.3
22.5
30
45
74
100
112
167
240
D
C
A
E
B
• High Current, Low DCR
Reflow times: 3 times max.
60~180s
60~150s
217
150
TIME( sec.)
200
25
480s max.
tp(245° C / 20~40s.)
PRE-HEATING
Reflow Soldering
SOLDERING
NATURAL
COOLING
TP(260℃ / 10s max.)
1R0
0.5
0.8
0.82
0.94
1.00
1.05
1.1
1.3
1.3
1.6
2.4
3.0
3.3
4.0
6.5
7.9
10.8
13
15.0
17
17.5
20
27.0
40
64
86
92
145
205
Dimensions:
Inches
(mm)
PCHC1004H-R15M
PCHC1004H-R22M
PCHC1004H-R27M
PCHC1004H-R30M
PCHC1004H-R33M
PCHC1004H-R36M
PCHC1004H-R39M
PCHC1004H-R45M
PCHC1004H-R47M
PCHC1004H-R56M
PCHC1004H-R68M
PCHC1004H-1R0M
PCHC1004H-1R2M
PCHC1004H-1R5M
PCHC1004H-2R2M
PCHC1004H-2R5M
PCHC1004H-3R3M
PCHC1004H-4R0M
PCHC1004H-4R7M
PCHC1004H-5R6M
PCHC1004H-6R8M
PCHC1004H-8R2M
PCHC1004H-100M
PCHC1004H-150M
PCHC1004H-220M
PCHC1004H-270M
PCHC1004H-330M
PCHC1004H-470M
PCHC1004H-680M
0.15
0.22
0.27
0.30
0.33
0.36
0.39
0.45
0.47
0.56
0.68
1.00
1.20
1.50
2.20
2.50
3.30
4.00
4.70
5.60
6.80
8.20
10.0
15.0
22.0
27.0
33.0
47.0
68.0
.433±.019
11.0±.005
.393±.011
10.0±0.3
.149±.007
3.8±0.2
.090±.011
2.3±0.3
.118±.011
3.0±0.3
.535
13.6
.212
5.4
.137
3.5
L
H
G


Similar Part No. - PCHC1004H-R22M

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
PCHC103R7 ALLIED-PCHC103R7 Datasheet
340Kb / 1P
Power Choke High Current
PCHC103R7-1R0M-RC ALLIED-PCHC103R7-1R0M-RC Datasheet
340Kb / 1P
Power Choke High Current
PCHC103R7-1R5M-RC ALLIED-PCHC103R7-1R5M-RC Datasheet
340Kb / 1P
Power Choke High Current
PCHC103R7-R33M-RC ALLIED-PCHC103R7-R33M-RC Datasheet
340Kb / 1P
Power Choke High Current
PCHC104H ALLIED-PCHC104H Datasheet
881Kb / 1P
Power Choke High Current
More results

Similar Description - PCHC1004H-R22M

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
PCHC63H-R33M-RC ALLIED-PCHC63H-R33M-RC Datasheet
374Kb / 1P
Power Choke High Current
PCHC64P-R33M-RC ALLIED-PCHC64P-R33M-RC Datasheet
363Kb / 1P
Power Choke High Current
PCHC104H-R36M-RC ALLIED-PCHC104H-R36M-RC Datasheet
355Kb / 1P
Power Choke High Current
PCHC1354S-R68M-RC ALLIED-PCHC1354S-R68M-RC Datasheet
387Kb / 1P
Power Choke High Current
PCHC63H-R33M-RC ALLIED-PCHC63H-R33M-RC_10 Datasheet
384Kb / 1P
Power Choke High Current
PCHC63H ALLIED-PCHC63H Datasheet
383Kb / 1P
Power Choke High Current
PCHC1250R7 ALLIED-PCHC1250R7 Datasheet
485Kb / 1P
Power Choke High Current
PCHC103R7 ALLIED-PCHC103R7 Datasheet
340Kb / 1P
Power Choke High Current
PCHC127H ALLIED-PCHC127H Datasheet
6Mb / 1P
Power Choke High Current
PCHC320H ALLIED-PCHC320H Datasheet
1,007Kb / 3P
Power Choke High Current
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com