Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCHP20CF Datasheet(PDF) 1 Page - Allied Components International

Part # PCHP20CF
Description  SMD SHIELDED POWER CHIP INDUCTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

PCHP20CF Datasheet(HTML) 1 Page - Allied Components International

  PCHP20CF Datasheet HTML 1Page - Allied Components International PCHP20CF Datasheet HTML 2Page - Allied Components International PCHP20CF Datasheet HTML 3Page - Allied Components International PCHP20CF Datasheet HTML 4Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Dimensions:
Inches
(mm)
A
B
C
D
E
Max
Recommended PCB
Layout
.079-.004/+.008
(2.0-0.1/+0.25)
.063-.004/+.008
(1.6-0.1/+0.2)
.039
(1.0)
Ref
.024
(0.6)
Ref
.032
(0.8)
H
G
L
G
H
.095
(2.4)
.032
(0.8)
.071
(1.8)
Reflow times: 3 times max.
60~180s
60~150s
217
150
TIME( sec.)
200
25
480s max.
tp(245° C / 20~40s.)
PRE-HEATING
Reflow Soldering
SOLDERING
NATURAL
COOLING
TP(260℃ / 10s max.)
SMD SHIELDED POWER CHIP INDUCTOR
15
DCR
(Ω)
±20%
Allied
Part
Number
Inductance
(µH)
Tolerance
(%)
Test
Freq.
(MHz, 0.1V)
ALLIED COMPONENTS INTERNATIONAL
949-356-1780
www.alliedcomponents.com
RoHS
10/18/2017
All specifications subject to change without notice.
Irms
(A)
Typ
PCHP20CF-R47N-RC
PCHP20CF-R68N-RC
PCHP20CF-1R0N-RC
PCHP20CF-1R5N-RC
PCHP20CF-2R2M-RC
PCHP20CF-3R3M-RC
PCHP20CF-4R7M-RC
PCHP20CF-6R8M-RC
PCHP20CF-100M-RC
PCHP20CF-150M-RC
PCHP20CF-180M-RC
PCHP20CF-220M-RC
.47
.68
1.0
1.5
2.2
3.3
4.7
6.8
10
15
18
22
1
1
1
1
1
1
1
1
1
1
1
1
3.00
2.45
1.95
1.65
1.45
1.05
0.85
0.80
0.62
0.50
0.45
0.43
2.60
2.25
1.75
1.40
1.35
1.05
1.00
0.70
0.50
0.40
0.38
0.30
Features
• Magnetically Shielded Construction
• Low Profile
• Low DC Resistance
Electrical
Test Equipment
Physical
Packaging: 2000 per 7” Reel
Resistance to Soldering Heat
(L): HP4284A, CH11025, CH3302, CH1320,
CH1320S LCR Meter
(DCR): CH16502, Agilent 33420A
Micro-oHm Meter
Marking: EIA Code
PCHP20CF
Isat
(A)
Max
2.70
2.00
1.80
1.46
1.26
0.90
0.77
0.72
0.55
0.45
0.40
0.38
Isat
(A)
Typ
.044
.062
.080
.130
.145
.245
.360
.500
.720
1.40
1.80
2.00
30
30
30
30
20
20
20
20
20
20
20
20
Inductance Range: .47 - 22µH
Tolerance: 30% .47 - 1.5µH,
20% 2.2 - 22µH
Operating Temp: -40°C to +125°C
MSL: Level 1
Isat: DC current at which the inductance
drops approximately 30% from its value
without current.
Irms: DC current that causes the
temperature rise (∆T = 40°C) from 25°C
ambient.
Pre-Heat: 150°C, 1Min
Solder Composition: Sn96.5%, AG3%,
Cu0.5%
Temperature: 245±5°C
Flux for Lead Free: Rosin 9.5%
Dip Time: 4±1Sec
Depth: Completely cover the termination
Irms
(A)
Max
2.35
2.05
1.60
1.26
1.20
0.95
0.96
0.55
0.45
0.36
0.34
0.27
A
B
C
D
E
L


Similar Part No. - PCHP20CF

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
PCHP32 ALLIED-PCHP32 Datasheet
1Mb / 3P
SMD SHIELDED POWER CHIP INDUCTOR
PCHP32-100M-RC ALLIED-PCHP32-100M-RC Datasheet
1Mb / 3P
SMD SHIELDED POWER CHIP INDUCTOR
PCHP32-150M-RC ALLIED-PCHP32-150M-RC Datasheet
1Mb / 3P
SMD SHIELDED POWER CHIP INDUCTOR
PCHP32-1R0N-RC ALLIED-PCHP32-1R0N-RC Datasheet
1Mb / 3P
SMD SHIELDED POWER CHIP INDUCTOR
PCHP32-1R5N-RC ALLIED-PCHP32-1R5N-RC Datasheet
1Mb / 3P
SMD SHIELDED POWER CHIP INDUCTOR
More results

Similar Description - PCHP20CF

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
PCSV25-1R0M-RC ALLIED-PCSV25-1R0M-RC Datasheet
336Kb / 1P
SMD SHIELDED POWER CHIP INDUCTOR
PCSV30-1R0M-RC ALLIED-PCSV30-1R0M-RC Datasheet
334Kb / 1P
SMD SHIELDED POWER CHIP INDUCTOR
PCSV35-1R0M-RC ALLIED-PCSV35-1R0M-RC Datasheet
339Kb / 1P
SMD SHIELDED POWER CHIP INDUCTOR
PCSV60-2R2M-RC ALLIED-PCSV60-2R2M-RC Datasheet
480Kb / 1P
SMD SHIELDED POWER CHIP INDUCTOR
PCFV52 ALLIED-PCFV52 Datasheet
608Kb / 1P
SMD Shielded Power Chip Inductor
PCSV48 ALLIED-PCSV48 Datasheet
408Kb / 1P
SMD SHIELDED POWER CHIP INDUCTOR
PCSV52 ALLIED-PCSV52 Datasheet
378Kb / 1P
SMD SHIELDED POWER CHIP INDUCTOR
PCSV65 ALLIED-PCSV65 Datasheet
632Kb / 1P
SMD SHIELDED POWER CHIP INDUCTOR
PCSV49 ALLIED-PCSV49 Datasheet
424Kb / 1P
SMD SHIELDED POWER CHIP INDUCTOR
PCHP54NF ALLIED-PCHP54NF Datasheet
1Mb / 3P
SMD SHIELDED POWER CHIP INDUCTOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com