Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCHP20CF Datasheet(PDF) 2 Page - Allied Components International

Part # PCHP20CF
Description  SMD SHIELDED POWER CHIP INDUCTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

PCHP20CF Datasheet(HTML) 2 Page - Allied Components International

  PCHP20CF Datasheet HTML 1Page - Allied Components International PCHP20CF Datasheet HTML 2Page - Allied Components International PCHP20CF Datasheet HTML 3Page - Allied Components International PCHP20CF Datasheet HTML 4Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
0
0.3
0.6
0.9
1.2
DCcurrent(A)
0
2
4
6
8
PCHP20CF-4R7M-RC
0
0.2
0.4
0.6
0.8
1
DCcurrent(A)
0
3
6
9
12
PCHP20CF-
6R8M-RC
0
0.5
1
1.5
2
2.5
DCcurrent(A)
0
0.3
0.6
0.9
1.2
PCHP20CF-R68N-RC
0
0.7
1.4
2.1
2.8
3.5
DCcurrent(A)
0
0.2
0.4
0.6
0.8
PCHP20CF-R47N-RC
0
0.5
1
1.5
2
2.5
DCcurrent(A)
0
0.5
1
1.5
2
PCHP20CF-1R0N-RC
0
0.5
1
1.5
2
DCcurrent(A)
0
0.7
1.4
2.1
2.8
PCHP20CF-
1R5N-RC
0
0.4
0.8
1.2
1.6
DCcurrent(A)
0
1
2
3
4
PCHP20CF-2R2M-RC
0
0.3
0.6
0.9
1.2
DCcurrent(A)
0
1.5
3
4.5
6
PCHP20CF-3R3M-RC
Typical Performance Curve
SMD SHIELDED POWER CHIP INDUCTOR
15
ALLIED COMPONENTS INTERNATIONAL
949-356-1780
www.alliedcomponents.com
RoHS
10/18/2017
PCHP20CF



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com