Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP1471 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP1471
Description  High-Efficiency, 3A Peak, 16V, 500kHz Synchronous, Step-Down Converter In a 6-Pin TSOT 23
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1471 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP1471 Datasheet HTML 1Page - Monolithic Power Systems MP1471 Datasheet HTML 2Page - Monolithic Power Systems MP1471 Datasheet HTML 3Page - Monolithic Power Systems MP1471 Datasheet HTML 4Page - Monolithic Power Systems MP1471 Datasheet HTML 5Page - Monolithic Power Systems MP1471 Datasheet HTML 6Page - Monolithic Power Systems MP1471 Datasheet HTML 7Page - Monolithic Power Systems MP1471 Datasheet HTML 8Page - Monolithic Power Systems MP1471 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
MP1471 – SYNCHRONOUS, STEP-DOWN CONVERTER WITH INTERNAL MOSFETS
MP1471 Rev. 1.01
www.MonolithicPower.com
4
8/27/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS
VIN = 12V, VOUT = 3.3V, L = 6.5µH, TA = +25°C, unless otherwise noted.
60
65
70
75
80
85
90
95
100
0.01
0.1
1
10
50
55
60
65
70
75
80
85
90
95
100
0.01
0.1
1
10
0.1
1
10
0.01
0.1
1
10
50
55
60
65
70
75
80
85
90
95
100
40
50
60
70
80
90
100
0
5
10
15
20
25
30
35
40
45
50
0.0
0.5
1.0
1.5
2.0
2.5
800
810
820
830
840
850
860
870
46
8
10
12
14 16
0
5
10
15
20
25
30
35
40
45
50
46
8
10
12
14
16
0.01
1.5
1.7
1.9
2.1
2.3
2.5
2.7
2.9
0
1.0
2.0
3.0
4.0
5.0
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0% 20%
40%
60%
80% 100%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com