Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP1471 Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP1471
Description  High-Efficiency, 3A Peak, 16V, 500kHz Synchronous, Step-Down Converter In a 6-Pin TSOT 23
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1471 Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP1471 Datasheet HTML 8Page - Monolithic Power Systems MP1471 Datasheet HTML 9Page - Monolithic Power Systems MP1471 Datasheet HTML 10Page - Monolithic Power Systems MP1471 Datasheet HTML 11Page - Monolithic Power Systems MP1471 Datasheet HTML 12Page - Monolithic Power Systems MP1471 Datasheet HTML 13Page - Monolithic Power Systems MP1471 Datasheet HTML 14Page - Monolithic Power Systems MP1471 Datasheet HTML 15Page - Monolithic Power Systems MP1471 Datasheet HTML 16Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
MP1471 – SYNCHRONOUS, STEP-DOWN CONVERTER WITH INTERNAL MOSFETS
MP1471 Rev. 1.01
www.MonolithicPower.com
12
8/27/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
APPLICATION INFORMATION
Setting the Output Voltage
The external resistor divider sets the output
voltage. The feedback resistor R1 also sets the
feedback-loop bandwidth through the internal
compensation
capacitor
(see
the
Typical
Application circuit). Choose R1 around 10kΩ,
and R2 by:
OUT
R1
R2
V
1
0.8V
=
−
Use a T-type network for when VOUT is low.
Figure 6: T-Type Network
Table 1 lists the recommended T-type resistors
value for common output voltages.
Table 1
—Resistor Selection for Common Output
Voltages
VOUT
(V)
R1
(kΩ)
R2
(kΩ)
Rt
(kΩ)
LOUT
(μH)
COUT
(μF)
1.05
10
32.4
150
2.2
44
1.2
20.5
41.2
120
2.2
44
1.8
40.2
32.4
75
3.3
44
2.5
40.2
19.1
59
4.7
44
3.3
40.2
13
40.2
6.8
44
5
40.2
7.68
24.9
6.8
44
Selecting the Inductor
Use a 1µH-to-10µH inductor with a DC current
rating of at least 25% percent higher than the
maximum load current for most applications.
For highest efficiency, select an inductor with a
DC resistance less than 15mΩ. For most
designs, derive the inductance value from the
following equation.
OUT
IN
OUT
1
IN
L
OSC
V(V
V
)
L
VI
f
×−
=
×Δ ×
Where ΔIL is the inductor ripple current. Choose
an inductor current approximately 30% of the
maximum load current. The maximum inductor
peak current is:
2
I
I
I
L
LOAD
)
MAX
(
L
Δ
+
=
Under light-load conditions (below 100mA), use
a larger inductance for improved efficiency.
Selecting the Input Capacitor
The input current to the step-down converter is
discontinuous,
and
therefore
requires
a
capacitor to both supply the AC current to the
step-down converter and maintain the DC input
voltage. Use low ESR capacitors for the best
performance, such as ceramic capacitors with
X5R or X7R dielectrics of their low ESR and
small
temperature
coefficients.
A
22µF
capacitor is sufficient for most applications.
The input capacitor (C1) requires an adequate
ripple current rating because it absorbs the
input switching. Estimate the RMS current in
the input capacitor with:
⎟
⎟
⎠
⎞
⎜
⎜
⎝
⎛
×
−
×
=
IN
OUT
IN
OUT
LOAD
1
C
V
V
1
V
V
I
I
The worst-case condition occurs at VIN = 2VOUT,
where:
2
I
I
LOAD
1
C =
For simplification, choose an input capacitor
with an RMS current rating greater than half the
maximum load current.
The input capacitor can be electrolytic, tantalum,
or ceramic. Place a small, high-quality, ceramic
capacitor (0.1μF) as close to the IC as possible
when using electrolytic or tantalum capacitors.
When using ceramic capacitors, make sure that
they have enough capacitance to provide
sufficient charge to prevent excessive input
voltage ripple. Estimate the input voltage ripple
caused by the capacitance with:
LOAD
OUT
OUT
IN
IN
SIN
IV
V
V1
fC1
V
V
⎛⎞
Δ=
×
× −
⎜⎟
×
⎝⎠
Selecting the Output Capacitor
The output capacitor (C2) maintains the DC
output voltage. Use ceramic, tantalum, or low-
ESR electrolytic capacitors. Use low ESR
capacitors to limit the output voltage ripple.
Estimate the output voltage ripple with:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com