Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCHC1265HP-R82M Datasheet(PDF) 2 Page - Allied Components International

Part # PCHC1265HP-R82M
Description  Power Choke High Current
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

PCHC1265HP-R82M Datasheet(HTML) 2 Page - Allied Components International

  PCHC1265HP-R82M Datasheet HTML 1Page - Allied Components International PCHC1265HP-R82M Datasheet HTML 2Page - Allied Components International PCHC1265HP-R82M Datasheet HTML 3Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Power Choke High Current
PCHC1265HP
15
ALLIED COMPONENTS INTERNATIONAL
949-356-1780
www.alliedcomponents.com
RoHS
09/14/2016
PAGE 2 OF 3
0
23.6
47.2
70.8
94.4
118
DC CURRENT(A)
0
0.06
0.12
0.18
0.24
0.3
0
30
60
90
120
150
PCHC1265-R15M
0
22.4
44.8
67.2
89.6
112
DC CURRENT(A)
0
0.07
0.14
0.21
0.28
0.35
0
30
60
90
120
150
PCHC1265-R22M
0
14.4
28.8
43.2
57.6
72
DC CURRENT(A)
0
0.1
0.2
0.3
0.4
0.5
0
16
32
48
64
80
PCHC1265-R30M
0
13.6
27.2
40.8
54.4
68
DC CURRENT(A)
0
0.1
0.2
0.3
0.4
0.5
0
10
20
30
40
50
PCHC1265-R33M
0
13.2
26.4
39.6
52.8
66
DC CURRENT(A)
0
0.14
0.28
0.42
0.56
0.7
0
10
20
30
40
50
PCHC1265-R36M
0
12.8
25.6
38.4
51.2
64
DC CURRENT(A)
0
0.15
0.3
0.45
0.6
0
10
20
30
40
50
PCHC1265-R40M
0
12.6
25.2
37.8
50.4
63
DC CURRENT(A)
0
0.16
0.32
0.48
0.64
0.8
0
24
48
72
96
120
PCHC1265-R45M
0
9
18
27
36
45
54
63
DC CURRENT(A)
0
0.2
0.4
0.6
0.8
1
0
20
40
60
80
100
PCHC1265-R47M
0
9
18
27
36
45
54
63
DC CURRENT(A)
0
0.2
0.4
0.6
0.8
1
0
20
40
60
80
100
PCHC1265-R50M
0
12
24
36
48
60
DC CURRENT(A)
0
0.2
0.4
0.6
0.8
1
0
12
24
36
48
60
PCHC1265-R56M
0
11
22
33
44
55
DC CURRENT(A)
0
0.2
0.4
0.6
0.8
1
0
20
40
60
80
100
PCHC1265-R68M
0
10
20
30
40
50
DC CURRENT(A)
0
0.3
0.6
0.9
1.2
1.5
0
30
60
90
120
PCHC1265-R82M
0
9.6
19.2
28.8
38.4
48
DC CURRENT(A)
0
0.24
0.48
0.72
0.96
1.2
0
10
20
30
40
50
PCHC1265-1R0M
0
9.6
19.2
28.8
38.4
48
DC CURRENT(A)
0
0.4
0.8
1.2
1.6
2
0
22
44
66
88
110
PCHC1265-1R2M
0
10
20
30
40
50
DC CURRENT(A)
0
0.46
0.92
1.38
1.84
2.3
0
18
36
54
72
90
PCHC1265-1R4M
0
9
18
27
36
45
DC CURRENT(A)
0
0.6
1.2
1.8
2.4
3
0
30
60
90
120
150
PCHC1265-1R5M
0
8
16
24
32
40
DC CURRENT(A)
0
0.6
1.2
1.8
2.4
3
0
26
52
78
104
130
PCHC1265-1R8M
0
10
20
30
40
DC CURRENT(A)
0
1
2
3
4
0
30
60
90
120
150
PCHC1265-2R2M
TYPICAL PERFORMANCE CURVES



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com