Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCHC1265HP-R82M Datasheet(PDF) 3 Page - Allied Components International

Part # PCHC1265HP-R82M
Description  Power Choke High Current
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

PCHC1265HP-R82M Datasheet(HTML) 3 Page - Allied Components International

  PCHC1265HP-R82M Datasheet HTML 1Page - Allied Components International PCHC1265HP-R82M Datasheet HTML 2Page - Allied Components International PCHC1265HP-R82M Datasheet HTML 3Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Power Choke High Current
PCHC1265HP
15
ALLIED COMPONENTS INTERNATIONAL
949-356-1780
www.alliedcomponents.com
RoHS
09/14/2016
PAGE 3 OF 3
TYPICAL PERFORMANCE CURVES
0
7
14
21
28
35
DC CURRENT(A)
0
1
2
3
4
0
24
48
72
96
120
PCHC1265HP-2R7M
0
7
14
21
28
35
DC CURRENT(A)
0
1
2
3
4
5
6
7
0
30
60
90
120
150
PCHC1265HP-3R3M
0
8
16
24
32
DC CURRENT(A)
0
1
2
3
4
5
6
7
8
0
30
60
90
120
150
PCHC1265HP-4R7M
0
4.6
9.2
13.8
18.4
23
DC CURRENT(A)
0
2
4
6
8
10
0
10
20
30
40
50
PCHC1265HP-5R6M
0
4.6
9.2
13.8
18.4
23
DC CURRENT(A)
0
3
6
9
12
0
30
60
90
120
150
PCHC1265HP-6R8M
0
3.54
7.08
10.62
14.16
17.7
DC CURRENT(A)
0
3
6
9
12
0
10
20
30
40
50
PCHC1265HP-7R0M
0
4
8
12
16
DC CURRENT(A)
0
3
6
9
12
15
0
20
40
60
80
100
PCHC1265HP-8R2M
0
3.1
6.2
9.3
12.4
15.5
DC CURRENT(A)
0
3
6
9
12
15
0
6
12
18
24
30
PCHC1265HP-100M
0
2.8
5.6
8.4
11.2
14
DC CURRENT(A)
0
3.6
7.2
10.8
14.4
18
0
8
16
24
32
40
PCHC1265HP-120M
0
4
8
12
16
20
DC CURRENT(A)
0
4
8
12
16
20
0
16
32
48
64
80
PCHC1265HP-130M
0
2.5
5
7.5
10
12.5
DC CURRENT(A)
0
5
10
15
20
25
0
10
20
30
40
50
PCHC1265HP-150M
0
3
6
9
12
15
DC CURRENT(A)
0
6
12
18
24
30
0
24
48
72
96
120
PCHC1265HP-220M
0
4.4
8.8
13.2
17.6
22
DC CURRENT(A)
0
8
16
24
32
40
0
16
32
48
64
80
PCHC1265HP-250M
0
3
6
9
12
15
DC CURRENT(A)
0
10
20
30
40
50
0
24
48
72
96
120
PCHC1265HP-330M
0
1.9
3.8
5.7
7.6
9.5
DC CURRENT(A)
0
16
32
48
64
80
0
24
48
72
96
120
PCHC1265HP-470M
0
1.3
2.6
3.9
5.2
6.5
DC CURRENT(A)
0
30
60
90
120
150
0
20
40
60
80
100
PCHC1265HP-101M



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com