Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP1472 Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP1472
Description  2A, 18V Synchronous Rectified Step-Down Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1472 Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP1472 Datasheet HTML 1Page - Monolithic Power Systems MP1472 Datasheet HTML 2Page - Monolithic Power Systems MP1472 Datasheet HTML 3Page - Monolithic Power Systems MP1472 Datasheet HTML 4Page - Monolithic Power Systems MP1472 Datasheet HTML 5Page - Monolithic Power Systems MP1472 Datasheet HTML 6Page - Monolithic Power Systems MP1472 Datasheet HTML 7Page - Monolithic Power Systems MP1472 Datasheet HTML 8Page - Monolithic Power Systems MP1472 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
MP1472 – 2A, 18V SYNCHRONOUS RECTIFIED, STEP-DOWN CONVERTER
MP1472 Rev. 1.0
www.MonolithicPower.com
2
9/2/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
ORDERING INFORMATION
Part Number
Package
Top Marking
MP1472GJ*
TSOT23-8
ACW
*For Tape & Reel, add suffix –Z (e.g. MP1472GJ–Z);
PACKAGE REFERENCE
SS
EN
COMP
FB
BST
IN
SW
GND
1
2
3
4
8
7
6
5
TOP VIEW
ABSOLUTE MAXIMUM RATINGS (1)
Supply Voltage VIN ........................-0.3V to +20V
Switch Node Voltage VSW ............................ 21V
Boost Voltage VBS ..........VSW – 0.3V to VSW + 6V
All Other Pins..................................-0.3V to +6V
Junction Temperature...............................150°C
Continuous Power Dissipation
(TA = +25°C)
(2)
……………………………………………….1.25W
Lead Temperature ....................................260°C
Storage Temperature .............. -65°C to +150°C
Recommended Operating Conditions
(3)
Input Voltage VIN ............................4.75V to 18V
Output Voltage VOUT.....................0.923V to 15V
Maximum Junction Temp. (TJ) ............... +125C
Thermal Resistance
(4)
θJA
θJC
TSOT23-8.............................. 100 ..... 55...
C/W
Notes:
1) Exceeding these ratings may damage the device.
2) The maximum allowable power dissipation is a function of the
maximum junction temperature TJ(MAX), the junction-to-
ambient thermal resistance θJA, and the ambient temperature
TA. The maximum allowable continuous power dissipation at
any ambient temperature is calculated by PD(MAX)=(TJ(MAX)-
TA)/ θJA. Exceeding the maximum allowable power dissipation
will cause excessive die temperature, and the regulator will go
into thermal shutdown. Internal thermal shutdown circuitry
protects the device from permanent damage.
3) The device is not guaranteed to function outside of its
operating conditions.
4) Measured on JESD51-7 4-layer PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com