Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP1472 Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP1472
Description  2A, 18V Synchronous Rectified Step-Down Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1472 Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP1472 Datasheet HTML 5Page - Monolithic Power Systems MP1472 Datasheet HTML 6Page - Monolithic Power Systems MP1472 Datasheet HTML 7Page - Monolithic Power Systems MP1472 Datasheet HTML 8Page - Monolithic Power Systems MP1472 Datasheet HTML 9Page - Monolithic Power Systems MP1472 Datasheet HTML 10Page - Monolithic Power Systems MP1472 Datasheet HTML 11Page - Monolithic Power Systems MP1472 Datasheet HTML 12Page - Monolithic Power Systems MP1472 Datasheet HTML 13Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
MP1472 – 2A, 18V SYNCHRONOUS RECTIFIED, STEP-DOWN CONVERTER
MP1472 Rev. 1.0
www.MonolithicPower.com
12
9/2/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
PCB LAYOUT GUIDE
PCB layout is very important to achieve stable
operation. It is highly recommended to duplicate
EVB layout for optimum performance.
If change is necessary, please follow these
guidelines and take Figure 5 for reference.
1) Keep the path of switching current short and
minimize the loop area formed by input cap,
high-side MOSFET and low-side MOSFET.
2)
Bypass ceramic capacitors are suggested
to be put close to the Vin Pin.
3) Ensure all feedback connections are short
and direct. Place the feedback resistors
and compensation components as close to
the chip as possible.
4) Route SW away from sensitive analog
areas such as FB.
5) Connect IN, SW, and especially GND
respectively to a large copper area to cool
the chip to improve thermal performance
and long-term reliability.
MP1472 Typical Application Circuit
Top Layer
Bottom Layer
Figure 5—MP1472 Typical Application Circuit and PCB Layout Guide



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com