Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP1475S Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MP1475S
Description  High-Efficiency, 3A, 16V, 500kHz Synchronous, Step-Down Converter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1475S Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MP1475S Datasheet HTML 7Page - Monolithic Power Systems MP1475S Datasheet HTML 8Page - Monolithic Power Systems MP1475S Datasheet HTML 9Page - Monolithic Power Systems MP1475S Datasheet HTML 10Page - Monolithic Power Systems MP1475S Datasheet HTML 11Page - Monolithic Power Systems MP1475S Datasheet HTML 12Page - Monolithic Power Systems MP1475S Datasheet HTML 13Page - Monolithic Power Systems MP1475S Datasheet HTML 14Page - Monolithic Power Systems MP1475S Datasheet HTML 15Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
MP1475S – HIGH-EFFICIENCY, 3A, 16V, 500kHz SYNCHRONOUS STEP-DOWN CONVERTER
MP1475S Rev. 1.0
www.MonolithicPower.com
11
1/8/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
OPERATION
The
MP1475S
is
a
high-frequency,
synchronous, rectified, step-down, switch-mode
converter with built-in power MOSFETs. It
offers a compact solution that achieves a 3A
continuous output current with excellent load
and line regulation over 4.5V to 16V input-
supply range.
The MP1475S has three working modes:
advanced asynchronous modulation (AAM)
mode, discontinuous conduction mode (DCM),
and continuous conduction mode (CCM). The
load current increases as the device transitions
from AAM mode to DCM to CCM.
AAM Control Operation
In a light-load condition, MP1475S works in
advanced asynchronous modulation (AAM)
mode (see Figure 2). The VAAM is an internal
fixed voltage when input and output voltages
are fixed. VCOMP is the error-amplifier output
(which represents the peak inductor-current
information). When VCOMP is lower than VAAM,
the internal clock is blocked. This causes the
MP1475S to skip pulses, achieving the light-
load power save. Refer to AN032 for additional
details.
The internal clock re-sets every time VCOMP is
higher than VAAM. At the same time, the high-
side MOSFET (HS-FET) turns on and remains
on until VILsense reaches the value set by VCOMP.
The light-load feature in this device is optimized
for 12V input applications.
Figure 2. Simplified AAM Control Logic
DCM Control Operation
The VCOMP voltage ramps up as the output
current increases. When its minimum value
exceeds VAAM, the device enters discontinuous
conduction mode (DCM). In DCM, the internal
clock initiates the PWM cycle, the HS-FET turns
on and remains on until VILsense reaches the
value set by VCOMP (after a period of dead time),
and the low-side MOSFET (LS-FET) turns on
and remains on until the inductor-current value
decreases to zero. The device repeats the
same operation in every clock cycle to regulate
the output voltage (see Figure 3).
IL
Figure 3. DCM Control Operation
CCM Control Operation
The device enters continuous conduction mode
(CCM) from DCM once the inductor current no
longer drops to zero in a clock cycle. In CCM,
the internal clock initiates the PWM cycle, the
HS-FET turns on and remains on until VILsense
reaches the value set by VCOMP (after a period
of dead time), and the LS-FET turns on and
remains on until the next clock cycle begins.
The device repeats the same operation in every
clock cycle to regulate the output voltage.
If VILsense does not reach the value set by VCOMP
within 95% of one PWM period, the HS-FET is
forced off.
Internal Regulator
A 5V internal regulator powers most of the
internal circuitries. This regulator is supplied by
VIN and operates in the full VIN range. When VIN
exceeds 5V, the output of the regulator is in full
regulation. When VIN is less than 5V, the output
decreases, and the device requires a 0.1µF
ceramic decoupling capacitor.
Error Amplifier (EA)
The error amplifier compares the FB voltage to
the internal 0.807V reference (VREF) and
outputs a current proportional to the difference
between the two. This output current then
charges
or
discharges
the
internal
compensation network to form the COMP
voltage, which controls the power MOSFET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com