Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP1475S Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP1475S
Description  High-Efficiency, 3A, 16V, 500kHz Synchronous, Step-Down Converter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1475S Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP1475S Datasheet HTML 8Page - Monolithic Power Systems MP1475S Datasheet HTML 9Page - Monolithic Power Systems MP1475S Datasheet HTML 10Page - Monolithic Power Systems MP1475S Datasheet HTML 11Page - Monolithic Power Systems MP1475S Datasheet HTML 12Page - Monolithic Power Systems MP1475S Datasheet HTML 13Page - Monolithic Power Systems MP1475S Datasheet HTML 14Page - Monolithic Power Systems MP1475S Datasheet HTML 15Page - Monolithic Power Systems MP1475S Datasheet HTML 16Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
MP1475S – HIGH-EFFICIENCY, 3A, 16V, 500kHz SYNCHRONOUS STEP-DOWN CONVERTER
MP1475S Rev. 1.0
www.MonolithicPower.com
12
1/8/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
current. The optimized, internal compensation
network minimizes the external component
count and simplifies the control loop design.
Enable/SYNC Control
EN/SYNC is a digital control pin that turns the
regulator on and off. Drive EN/SYNC high to
turn on the regulator; drive EN/SYNC low to
turn off the regulator. An internal 1MΩ resistor
from EN/SYNC to GND allows EN/SYNC to be
floated to shut down the chip.
EN/SYNC is clamped internally using a 6.5V
series-Zener-diode (see Figure 4). Connecting
EN/SYNC
through a pull-up resistor to the
voltage on IN limits the EN/SYNC input current
to less than 100µA.
For example, with 12V connected to IN, RPULLUP
≥ (12V – 6.5V) ÷ 100µA = 55kΩ.
Connecting EN/SYNC directly to a voltage
source without a pull-up resistor requires
limiting the amplitude of the voltage source to
≤6V to prevent damage to the Zener diode.
Figure 4. 6.5V Zener Diode Connection
For external clock synchronization, connect a
clock with a frequency range between 300kHz
and 2MHz. The internal clock rising edge
synchronizes with the external clock rising edge.
Select an external clock signal with a pulse
width less than 1.7μs.
Under-Voltage Lockout (UVLO)
The MP1475S has under-voltage lockout
protection (UVLO). When the VCC voltage
exceeds the UVLO rising threshold voltage, the
device begins to power-up. The device shuts off
when the VCC voltage drops below the UVLO
falling threshold voltage. This is non-latch
protection.
The MP1475S is disabled when the input
voltage falls below 3.2V. If an application
requires a higher under-voltage lockout (UVLO)
threshold, use EN/SYNC to adjust the input
voltage UVLO using two external resistors (see
Figure 5). For best results, set the UVLO falling
threshold (VSTOP) above 4.5V using the
enable resistors. Set the rising threshold
(VSTART) to provide enough hysteresis to
allow for input-supply variations.
REN_UP
REN_DOWN EN/SYNC
Figure 5
. Adjustable UVLO
Internal Soft-Start (SS)
The soft-start prevents the converter output
voltage from overshooting during start-up.
When the chip starts up, the internal circuitry
generates a soft-start voltage (VSS) that ramps
up from 0V to 1.2V. When VSS is less than VREF,
the error amplifier uses VSS as the reference.
When VSS exceeds VREF, the error amplifier
uses VREF as the reference. The SS time is set
internally to 1.2ms.
Pre-Bias Start-Up
The MP1475S is designed for a monotonic
start-up into pre-biased loads. If the output is
pre-biased to a certain voltage during start-up,
the BST voltage is refreshed and charged. Also,
the voltage on the soft-start capacitor is
charged. If BST voltage exceeds its rising
threshold voltage, and the soft-start capacitor
voltage exceeds the sensed-output voltage at
FB, the device starts to operate normally.
Power Good Indicator (PG)
MP1475S has an open-drain pin as the power
good indicator (PG). Pull PG up to VCC (or
another external source) through a 100kΩ
resistor. When VFB exceeds 90% of VREF, PG
goes high (after a 0.6ms delay time). If VFB falls
below 85% of VREF, an internal MOSFET pulls
PG down to ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com