Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2149 Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP2149
Description  6V, 1A, Low Quiescent Current Dual, SYNC Buck Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2149 Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP2149 Datasheet HTML 5Page - Monolithic Power Systems MP2149 Datasheet HTML 6Page - Monolithic Power Systems MP2149 Datasheet HTML 7Page - Monolithic Power Systems MP2149 Datasheet HTML 8Page - Monolithic Power Systems MP2149 Datasheet HTML 9Page - Monolithic Power Systems MP2149 Datasheet HTML 10Page - Monolithic Power Systems MP2149 Datasheet HTML 11Page - Monolithic Power Systems MP2149 Datasheet HTML 12Page - Monolithic Power Systems MP2149 Datasheet HTML 13Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
MP2149 –6V, 1A, LOW QUIESCENT CURRENT, DUAL, SYNC BUCK REGULATOR
MP2149 Rev.1.01
www.MonolithicPower.com
12
5/31/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
TYPICAL APPLICATION CIRCUITS
C4
10µF
R1
806k
IN
EN1
EN2
SW1
SW2
GND
FB1
FB2
C1A
22µF
R2
412k
R3
806k
R4
825k
C6
10µF
VIN
5V
VOUT1
1.8V
VOUT2
1.2V
MP2149
L1
1.5uH
L2
1.5uH
EN1
EN2
C1B
22µF
C3
10µF
C5
10µF
Figure 4: Typical Application Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com