Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2149 Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MP2149
Description  6V, 1A, Low Quiescent Current Dual, SYNC Buck Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2149 Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MP2149 Datasheet HTML 5Page - Monolithic Power Systems MP2149 Datasheet HTML 6Page - Monolithic Power Systems MP2149 Datasheet HTML 7Page - Monolithic Power Systems MP2149 Datasheet HTML 8Page - Monolithic Power Systems MP2149 Datasheet HTML 9Page - Monolithic Power Systems MP2149 Datasheet HTML 10Page - Monolithic Power Systems MP2149 Datasheet HTML 11Page - Monolithic Power Systems MP2149 Datasheet HTML 12Page - Monolithic Power Systems MP2149 Datasheet HTML 13Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
MP2149 –6V, 1A, LOW QUIESCENT CURRENT, DUAL, SYNC BUCK REGULATOR
NOTICE: The information in this document is subject to change without notice. Users should warrant and guarantee that third
party Intellectual Property rights are not infringed upon when integrating MPS products into any application. MPS will not
assume any legal responsibility for any said applications.
MP2149 Rev.1.01
www.MonolithicPower.com
13
5/31/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
PACKAGE INFORMATION
TSOT23-8
FRONT VIEW
NOTE:
1) ALL DIMENSIONS ARE IN MILLIMETERS
.
2) PACKAGE LENGTH DOES NOT INCLUDE MOLD
FLASH, PROTRUSION OR GATE BURR.
3) PACKAGE WIDTH DOES NOT INCLUDE
INTERLEAD FLASH OR PROTRUSION.
4) LEAD COPLANARITY(BOTTOM OF LEADS
AFTER FORMING) SHALL BE 0.10 MILLIMETERS
MAX.
5) JEDEC REFERENCE IS MO-193, VARIATION BA.
6) DRAWING IS NOT TO SCALE.
7) PIN 1 IS LOWER LEFT PIN WHEN READING TOP
MARK FROM LEFT TO RIGHT, (SEE EXAMPLE TOP
MARK)
TOP VIEW
RECOMMENDED LAND PATTERN
SEATING PLANE
SIDE VIEW
DETAIL ''A''
SEE DETAIL''A''
IAAAA
PIN 1 ID
See note 7
EXAMPLE
TOP MARK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com