Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5253B-8GDPR5 Datasheet(PDF) 5 Page - ON Semiconductor

Part # CS5253B-8GDPR5
Description  3.0 A LDO 5-Pin 2.5 V Fixed Linear Regulator for Remote Sense Applications
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5253B-8GDPR5 Datasheet(HTML) 5 Page - ON Semiconductor

  CS5253B-8GDPR5 Datasheet HTML 1Page - ON Semiconductor CS5253B-8GDPR5 Datasheet HTML 2Page - ON Semiconductor CS5253B-8GDPR5 Datasheet HTML 3Page - ON Semiconductor CS5253B-8GDPR5 Datasheet HTML 4Page - ON Semiconductor CS5253B-8GDPR5 Datasheet HTML 5Page - ON Semiconductor CS5253B-8GDPR5 Datasheet HTML 6Page - ON Semiconductor CS5253B-8GDPR5 Datasheet HTML 7Page - ON Semiconductor CS5253B-8GDPR5 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
CS5253B−8
http://onsemi.com
5
Figure 9. VPOWER Dropout Voltage vs Output Current
500
450
400
350
300
250
200
150
100
50
0
0
0.5
1.0
1.5
2.0
3.0
2.5
Output Current (A)
TJ = 120°C
TJ = 20°C
TJ = 0°C
Figure 10. VPOWER Only Output Current vs Junction
Temperature
020
60
40
140
Junction Temperature (
°C)
30
25
20
15
10
5
0
80
120
100
VPOWER = 6.0 V
VOUT = 0 V
VCONTROL Not Connected
Figure 11. Ripple Rejection vs Frequency
101
102
103
104
106
105
Frequency (Hz)
90
80
70
60
50
40
30
20
10
VIN − VOUT = 2.0 V
IOUT = 3.0 A
VRIPPLE = 1.0 VP−P
COUT = 22 mF
CADJ = 0.1 mF
Figure 12. Current Limit vs VOUT
5.0
4.5
4.0
3.5
0
0.5
1.0
1.5
2.0
3.0
2.5
VOUT (V)
VPOWER = 3.3 V
VCONTROL = 5.0 V
VOUT = 2.5 V
TA = 25°C
Figure 13. VCONTROL Dropout Voltage vs Output
Current
Output Current (A)
0
0.5
1.0
1.5
2.0
3.0
800
900
1000
1100
2.5
TJ = 20°C
TJ = 120°C
TJ = 0°C
Output Current (A)
VPOWER = 2.05 V
Figure 14. VCONTROL Supply Current vs Junction
Temperature
020
60
40
140
Junction Temperature (
°C)
80
120
100
40
35
30
25
20
15
10
5
0
VCONTROL = 3.9 V
VPOWER = 3.13 V
IOUT = 3.0 A
IOUT = 1.0 A
IOUT = 100 mA



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com