Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5253B-8GDPR5 Datasheet(PDF) 2 Page - ON Semiconductor

Part # CS5253B-8GDPR5
Description  3.0 A LDO 5-Pin 2.5 V Fixed Linear Regulator for Remote Sense Applications
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5253B-8GDPR5 Datasheet(HTML) 2 Page - ON Semiconductor

  CS5253B-8GDPR5 Datasheet HTML 1Page - ON Semiconductor CS5253B-8GDPR5 Datasheet HTML 2Page - ON Semiconductor CS5253B-8GDPR5 Datasheet HTML 3Page - ON Semiconductor CS5253B-8GDPR5 Datasheet HTML 4Page - ON Semiconductor CS5253B-8GDPR5 Datasheet HTML 5Page - ON Semiconductor CS5253B-8GDPR5 Datasheet HTML 6Page - ON Semiconductor CS5253B-8GDPR5 Datasheet HTML 7Page - ON Semiconductor CS5253B-8GDPR5 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
CS5253B−8
http://onsemi.com
2
Figure 1. Application Diagram
CS5253B−8
10
mF
10 V
VCONTROL
VPOWER
VOUT
VSENSE
GND
100
mF
5.0 V
+5.0 V
+3.3 V
2.5 V @ 3.0 A
33
mF
5.0 V
CLOAD
(Optional)
GND
GND
RDIS
RDIS
MAXIMUM RATINGS
Rating
Value
Unit
VPOWER Input Voltage
6.0
V
VCONTROL Input Voltage
13
V
Operating Junction Temperature Range, TJ
0 to 150
°C
Storage Temperature Range
−65 to +150
°C
ESD Damage Threshold
2.0
kV
Lead Temperature Soldering:
Reflow: (SMD styles only) (Note 1)
230 Peak
°C
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit
values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied,
damage may occur and reliability may be affected.
1. 60 second maximum above 183
°C.
ELECTRICAL CHARACTERISTICS (0
°C ≤ TA ≤ 70°C; 0°C ≤ TJ ≤ 150°C; VSENSE = VOUT and GND = 0 V; unless
otherwise specified.)
Characteristic
Test Conditions
Min
Typ
Max
Unit
Output Voltage
VCONTROL = 3.9 V to 12 V, VPOWER = 3.13 V to 5.5 V,
IOUT = 10 mA to 3.0 A
2.463
(−1.5%)
2.5
2.538
(+1.5%)
V
Line Regulation
VCONTROL = 3.9 V to 12 V, VPOWER = 3.13 V to 5.5 V,
IOUT = 10 mA
−
0.02
0.2
%
Load Regulation
VCONTROL = 3.9 V, VPOWER = 3.13 V,
IOUT = 10 mA to 3.0 A, with Remote Sense
−
0.04
0.3
%
Minimum Load Current (Note 2)
VCONTROL = 5.0 V, VPOWER = 3.3 V, DVOUT = +1.0%
−
0
0
mA
Control Pin Current (Note 3)
VCONTROL = 3.9 V, VPOWER = 3.13 V, IOUT = 100 mA
VCONTROL = 3.9 V, VPOWER = 3.13 V, IOUT = 3.0 A
−
−
6.0
35
10
120
mA
mA
Ground Pin Current
VCONTROL = 3.9 V, VPOWER = 3.13 V, IOUT = 10 mA
−
7
10
mA
Current Limit
VCONTROL = 3.9 V, VPOWER = 3.13 V, DVOUT = −4.0%
3.1
4.0
−
A
Short Circuit Current
VCONTROL = 3.9 V, VPOWER = 3.13 V, VOUT = 0 V
2.0
3.5
−
A
Ripple Rejection (Note 4)
VCONTROL = VPOWER = 3.9 V, VRIPPLE = 1.0 VP−P @
120 Hz, IOUT = 3.0 A
60
80
−
dB
Thermal Regulation
30 ms Pulse, TA = 25°C
−
0.002
−
%/W
2. The minimum load current is the minimum current required to maintain regulation.
3. The VCONTROL pin current is the drive current required for the output transistor. This current will track output current with roughly a 1:100
ratio. The minimum value is equal to the quiescent current of the device.
4. This parameter is guaranteed by design and is not 100% production tested.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com