Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2166GD Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP2166GD
Description  6V, Dual 2A/2A or 3A/1A, Low Quiescent Current, Synchronous Buck with PG and SS
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2166GD Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP2166GD Datasheet HTML 1Page - Monolithic Power Systems MP2166GD Datasheet HTML 2Page - Monolithic Power Systems MP2166GD Datasheet HTML 3Page - Monolithic Power Systems MP2166GD Datasheet HTML 4Page - Monolithic Power Systems MP2166GD Datasheet HTML 5Page - Monolithic Power Systems MP2166GD Datasheet HTML 6Page - Monolithic Power Systems MP2166GD Datasheet HTML 7Page - Monolithic Power Systems MP2166GD Datasheet HTML 8Page - Monolithic Power Systems MP2166GD Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
MP2166
– 6V, DUAL 2A/2A OR 3A/1A, SYNC, BUCK REGULATOR WITH PG AND SS
MP2166 Rev. 1.0
www.MonolithicPower.com
2
3/14/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
TYPICAL APPLICATION
VIN
SW1
EN1
VIN1
FB1
MP2166
SS1
VOUT1
SW2
FB2
VOUT2
EN2
PGND1
PG1
PG2
FREQ
CCM
SS2
VCC
VIN2
EN1
EN2
PGND2
AGND
L=1.5uH
Fsw=2.25M
Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com