Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2166GD Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MP2166GD
Description  6V, Dual 2A/2A or 3A/1A, Low Quiescent Current, Synchronous Buck with PG and SS
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2166GD Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MP2166GD Datasheet HTML 9Page - Monolithic Power Systems MP2166GD Datasheet HTML 10Page - Monolithic Power Systems MP2166GD Datasheet HTML 11Page - Monolithic Power Systems MP2166GD Datasheet HTML 12Page - Monolithic Power Systems MP2166GD Datasheet HTML 13Page - Monolithic Power Systems MP2166GD Datasheet HTML 14Page - Monolithic Power Systems MP2166GD Datasheet HTML 15Page - Monolithic Power Systems MP2166GD Datasheet HTML 16Page - Monolithic Power Systems MP2166GD Datasheet HTML 17Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
MP2166
– 6V, DUAL 2A/2A OR 3A/1A, SYNC, BUCK REGULATOR WITH PG AND SS
MP2166 Rev. 1.0
www.MonolithicPower.com
13
3/14/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
BLOCK DIAGRAM
Hi-Z
Slope
Comp
COMP1
ISLOPE1
OSC1
PH1
Hi-Z
Slope
Comp
COMP2
ISLOPE2
OSC2
SW1
SW2
PH2
FB1
FB2
EN1
UVLO &
Bandgap
0.6V
UVLO
VIN1
VIN2
PGND1
PGND2
Main
Switch
PCH
Synchronous
Rectifier
NCH
Low-Side
Gate Driver
Low-Side
Gate Driver
Synchronous
Rectifier
NCH
Main
Switch
PCH
Control
Logic
Control
Logic
PWM
PWM
Internal SS
Internal SS
0.6V
Oscillator
PLL
SS2
SS1
FREQ
PG1
PG2
Power
Good
CCM/AAM
Control
CCM
EN2
Regulator
VCC
0.6V
AGND
Figure 1: Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com