Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KWH2L531.TE Datasheet(PDF) 9 Page - OSRAM GmbH

Part # KWH2L531.TE
Description  SMD epoxy package
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

KWH2L531.TE Datasheet(HTML) 9 Page - OSRAM GmbH

Back Button KWH2L531.TE Datasheet HTML 5Page - OSRAM GmbH KWH2L531.TE Datasheet HTML 6Page - OSRAM GmbH KWH2L531.TE Datasheet HTML 7Page - OSRAM GmbH KWH2L531.TE Datasheet HTML 8Page - OSRAM GmbH KWH2L531.TE Datasheet HTML 9Page - OSRAM GmbH KWH2L531.TE Datasheet HTML 10Page - OSRAM GmbH KWH2L531.TE Datasheet HTML 11Page - OSRAM GmbH KWH2L531.TE Datasheet HTML 12Page - OSRAM GmbH KWH2L531.TE Datasheet HTML 13Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
Version 1.4
KW H2L531.TE
2017-06-09
9
Forward Current 5) page 22 , 6) page 22
Durchlassstrom 5) Seite 22 , 6) Seite 22
IF = f (VF); TS = 25 °C
Relative Luminous Flux 5) page 22 , 6) page 22
Relativer Lichtstrom 5) Seite 22 , 6) Seite 22
ΦVV(1000 mA) = f(IF); TS = 25 °C
Chromaticity Coordinate Shift 5) page 22
Farbortverschiebung 5) Seite 22
Cx, Cy = f(IF); TS = 25 °C
KW H2L531.TE
5,3
6,5
5,4
5,6
5,8
6,0
6,2
6,4
VF [V]
50
1500
200
400
600
800
1000
1200
1400
IF [mA]
: white
KW H2L531.TE
50
15
00
20
0
40
0
60
0
80
0
10
00
12
00
14
00
IF [mA]
0,0
0,2
0,4
0,6
0,8
1,0
1,2
1,4
ΦV
ΦV(1000mA)
: white
KW H2L531.TE
50
15
00
20
0
40
0
60
0
80
0
10
00
12
00
IF [mA]
0,32
0,33
0,34
0,35
Cx
Cy
: Cx
: Cy



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com