Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KWH2L531.TE Datasheet(PDF) 5 Page - OSRAM GmbH

Part # KWH2L531.TE
Description  SMD epoxy package
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

KWH2L531.TE Datasheet(HTML) 5 Page - OSRAM GmbH

  KWH2L531.TE Datasheet HTML 1Page - OSRAM GmbH KWH2L531.TE Datasheet HTML 2Page - OSRAM GmbH KWH2L531.TE Datasheet HTML 3Page - OSRAM GmbH KWH2L531.TE Datasheet HTML 4Page - OSRAM GmbH KWH2L531.TE Datasheet HTML 5Page - OSRAM GmbH KWH2L531.TE Datasheet HTML 6Page - OSRAM GmbH KWH2L531.TE Datasheet HTML 7Page - OSRAM GmbH KWH2L531.TE Datasheet HTML 8Page - OSRAM GmbH KWH2L531.TE Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
Version 1.4
KW H2L531.TE
2017-06-09
5
Brightness Groups
Helligkeitsgruppen
Forward Voltage Groups 3) page 22
Durchlassspannungsgruppen 3) Seite 22
Group
Luminous Flux 1) page 22
Luminous Flux 1) page 22
Luminous Intensity
5) page 22
Gruppe
Lichtstrom 1) Seite 22
Lichtstrom 1) Seite 22
Lichtstärke 5) Seite 22
(min.) Φ
V [lm]
(max.) Φ
V [lm]
(typ.) I
V [cd]
7P
560
630
196.4
7PF
594
669
208.4
8P
630
710
221.1
8PF
669
754
234.8
5Q
710
800
249.2
5QF
754
849
264.5
6Q
800
900
280.5
Group
Gruppe
(min.) V
F [V]
(max.) V
F [V]
PA
5.45
5.95
1A
5.95
6.45
BA
6.45
6.95
MA
6.95
7.45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com