Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT2804QJ-T Datasheet(PDF) 21 Page - Active-Semi, Inc

Part # ACT2804QJ-T
Description  5V/3.4A Dual Cell Battery Power Manager
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT2804QJ-T Datasheet(HTML) 21 Page - Active-Semi, Inc

Back Button ACT2804QJ-T Datasheet HTML 15Page - Active-Semi, Inc ACT2804QJ-T Datasheet HTML 16Page - Active-Semi, Inc ACT2804QJ-T Datasheet HTML 17Page - Active-Semi, Inc ACT2804QJ-T Datasheet HTML 18Page - Active-Semi, Inc ACT2804QJ-T Datasheet HTML 19Page - Active-Semi, Inc ACT2804QJ-T Datasheet HTML 20Page - Active-Semi, Inc ACT2804QJ-T Datasheet HTML 21Page - Active-Semi, Inc ACT2804QJ-T Datasheet HTML 22Page - Active-Semi, Inc ACT2804QJ-T Datasheet HTML 23Page - Active-Semi, Inc  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
Rev 3, Apr-17-2017
Innovative Power
TM
- 21 -
www.active-semi.com
Copyright © 2017 Active-Semi, Inc.
ACT2804
TYPICAL PERFORMANCE CHARACTERISTICS CONT’D
(Schematic as show in Figure 7, Ta = 25°C, unless otherwise specified)
Buck Standby Current vs. Battery Voltage
1.2
1.1
1.0
0.9
0.8
0.7
0.6
7.0
6.0
5.0
4.0
3.0
2.0
1.0
0
Battery Voltage(V)
0
2.0
4.0
6.0
12.0
14.0
8.0
10.0
Battery Leakage vs. Battery Voltage
(HZ Mode)
Battery Voltage (V)
5.8
6.2
6.6
7.0
7.4
8.2
8.6
7.8
Buck Output2 CC/CV
6.0
5.0
4.0
3.0
2.0
1.0
0
Output2 Current (mA)
0
500
1000
1500
2000
2500
3000
Buck Output1 CC/CV
6.0
5.0
4.0
3.0
2.0
1.0
0
Output1 Current (mA)
0
200
400
600
800
1000
1200
VBAT = 8.2V
VBAT = 6.0V
VBAT = 6.0V
VBAT = 8.2V
Buck Load Transient
(Iout2: 80mA-1A-80mA, Iout1: 0A)
CH1
CH2
VBAT = 8.2V
VOUT = 5.0V
Buck Load Transient
(Iout2:1A-2.4A-1A, Iout1: 0A)
CH1
CH2
CH1: VOUT, 200mV/div
CH2: IOUT, 500mA/div
TIME: 1ms/div
VBAT = 8.2V
VOUT = 5.0V
CH1: VOUT, 200mV/div
CH2: IOUT, 1A/div
TIME: 1ms/div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com