Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT2804QJ-T Datasheet(PDF) 4 Page - Active-Semi, Inc

Part # ACT2804QJ-T
Description  5V/3.4A Dual Cell Battery Power Manager
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT2804QJ-T Datasheet(HTML) 4 Page - Active-Semi, Inc

  ACT2804QJ-T Datasheet HTML 1Page - Active-Semi, Inc ACT2804QJ-T Datasheet HTML 2Page - Active-Semi, Inc ACT2804QJ-T Datasheet HTML 3Page - Active-Semi, Inc ACT2804QJ-T Datasheet HTML 4Page - Active-Semi, Inc ACT2804QJ-T Datasheet HTML 5Page - Active-Semi, Inc ACT2804QJ-T Datasheet HTML 6Page - Active-Semi, Inc ACT2804QJ-T Datasheet HTML 7Page - Active-Semi, Inc ACT2804QJ-T Datasheet HTML 8Page - Active-Semi, Inc ACT2804QJ-T Datasheet HTML 9Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
Rev 3, Apr-17-2017
Innovative Power
TM
- 4 -
www.active-semi.com
Copyright © 2017 Active-Semi, Inc.
ACT2804
PIN DESCRIPTIONS
PIN
NAME
DESCRIPTION
26
AGND
Logic ground output. Connect this pin to the exposed PGND pad on same layer with IC.
27
PB
Push button input. When this pin is pushed for more than 40ms, LED1-4 indicators are enabled
for 5 seconds.
28
LED1
Battery level indicator.
29
LED2
Battery level indicator.
30
LED3
Battery level indicator.
31
LED4
Battery level indicator.
32
LEDLS1
LED1 threshold level shift. Connect a resistor from the pin to AGND to shift LED1 threshold.
33
LEDLS2
LED2 threshold level shift. Connect a resistor from the pin to AGND to shift LED2 threshold.
34
LEDLS3
LED3 threshold level shift. Connect a resistor from the pin to AGND to shift LED3 threshold.
35
LEDLS4
LED4 threshold level shift. Connect a resistor from the pin to AGND to shift LED4 threshold.
36
PT
LED indication mode input. The 5 modes of LED indication patterns are set by a voltage at this
pin. Connect a resistor at the pin to set the voltage and an LED indication pattern.
37
RIMC
RIMC Battery impedance compensation input.
38
HYST
The hysteresis window setting input. Connect a resistor at the pin to set the hysteresis windows
for LED1, 2, 3, 4.
39
DM
Output port auto detection input. Connected to portable device D-.
40
DP
Output port auto detection input. Connected to portable device D+.
41
PGND
Exposed pad. Must be soldered to ground plane layer(s) on the PCB for best electrical and
thermal conductivity.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com