Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT8847 Datasheet(PDF) 39 Page - Active-Semi, Inc

Part # ACT8847
Description  Advanced PMU for Multi-core Application Processors
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8847 Datasheet(HTML) 39 Page - Active-Semi, Inc

Back Button ACT8847 Datasheet HTML 34Page - Active-Semi, Inc ACT8847 Datasheet HTML 35Page - Active-Semi, Inc ACT8847 Datasheet HTML 36Page - Active-Semi, Inc ACT8847 Datasheet HTML 37Page - Active-Semi, Inc ACT8847 Datasheet HTML 38Page - Active-Semi, Inc ACT8847 Datasheet HTML 39Page - Active-Semi, Inc ACT8847 Datasheet HTML 40Page - Active-Semi, Inc ACT8847 Datasheet HTML 41Page - Active-Semi, Inc ACT8847 Datasheet HTML 42Page - Active-Semi, Inc  
Zoom Inzoom in Zoom Outzoom out
 39 / 42 page
background image
ACT8847
Rev 9, 27-June-17
Innovative PowerTM
- 39 -
www.active-semi.com
Copyright © 2015-2017 Active-Semi, Inc.
ActivePMUTM is a trademark of Active-Semi.
I2CTM is a trademark of NXP.
Hardware Configuration
The following hardware connections are required to achieve the specified startup sequencing.
Connect a 2.2uF capacitor between GPIO1 and GPIO2
Connect a 1Mohm resistor from GPIO2 to GA.
Connect a 51kohm resistor between GPIO3 and nPBIN.
Connect a 10kohm resistor between REG7 and PWRHLD.
Startup
The ACT8847QM102-T has three startup sequences.
REG13. When power is applied to the IC. REG13 automatically turns on when input power is applied
and the input voltage is above UVLO.
REG7/1/4/2/5. REG7/1/4/2/5 turn on when GPIO1 is pulled high. REG7/1/4/2/5 are latched on after
REG7 goes into regulation and pulls PWRHLD high. GPIO1 may remain high or return to a logic low
after this time. REG7/1/4/2/5 stay on in either case.
REG3. The enable input for REG3 is the AND of PWRHLD and PWREN. Note that PWRHLD should be
connected to REG7. REG3 is intended to be turned on after REG7/1/4/2/5 are in regulation. Once
REG7/1/4/2/5 are in regulation and PWRHLD is high, REG3 can be independently enabled and
disabled with PWREN.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com