Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT8847 Datasheet(PDF) 40 Page - Active-Semi, Inc

Part # ACT8847
Description  Advanced PMU for Multi-core Application Processors
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8847 Datasheet(HTML) 40 Page - Active-Semi, Inc

Back Button ACT8847 Datasheet HTML 34Page - Active-Semi, Inc ACT8847 Datasheet HTML 35Page - Active-Semi, Inc ACT8847 Datasheet HTML 36Page - Active-Semi, Inc ACT8847 Datasheet HTML 37Page - Active-Semi, Inc ACT8847 Datasheet HTML 38Page - Active-Semi, Inc ACT8847 Datasheet HTML 39Page - Active-Semi, Inc ACT8847 Datasheet HTML 40Page - Active-Semi, Inc ACT8847 Datasheet HTML 41Page - Active-Semi, Inc ACT8847 Datasheet HTML 42Page - Active-Semi, Inc  
Zoom Inzoom in Zoom Outzoom out
 40 / 42 page
background image
ACT8847
Rev 9, 27-June-17
Innovative PowerTM
- 40 -
www.active-semi.com
Copyright © 2015-2017 Active-Semi, Inc.
ActivePMUTM is a trademark of Active-Semi.
I2CTM is a trademark of NXP.
Shutdown
REG3 shuts down when either PWREN or PWRHLD go low. REG7/1/4/2/5 shut down by pressing nPBIN
for longer than 4s or by pulling PWRHLD low while GPIO1 is low.
nPBIN
nPBIN retains the short and long press functionality described earlier in the datasheet. A “short press” pulls
nRSTO low to reset the processor. A “long press” powers down all outputs. The outputs restart per the
defined sequencing when nPBIN is released after a “long press”
NRSTO
nRSTO is gated by REG5 and should be pulled up to REG5. nRSTO has a 40ms delay after REG5 goes
into regulation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com