Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STANDOFF-MSS Datasheet(PDF) 3 Page - ADL Embedded Solutions

Part # STANDOFF-MSS
Description  D525 Dual Core, 1.80GHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADL [ADL Embedded Solutions]
Direct Link  http://www.adl-usa.com
Logo ADL - ADL Embedded Solutions

STANDOFF-MSS Datasheet(HTML) 3 Page - ADL Embedded Solutions

  STANDOFF-MSS Datasheet HTML 1Page - ADL Embedded Solutions STANDOFF-MSS Datasheet HTML 2Page - ADL Embedded Solutions STANDOFF-MSS Datasheet HTML 3Page - ADL Embedded Solutions STANDOFF-MSS Datasheet HTML 4Page - ADL Embedded Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
ADLD25PC PCI/104 Express
Intel® Atom™ D525 Dual Core, 1.80GHz
ADL Corporate: 4411 Morena Blvd. Suite 101 | San Diego, CA 92117-4345
T: 858.490.0597
F: 858.490.0599
sales@adl-usa.com
www.adl-usa.com
ADL Germany: Eiserfelder Straße 316 | D-57080 Siegen, Germany
T: +49 (0) 271.250.810.0
F: +49 (0) 271.250.810.20
sales@adl-europe.com
www.adl-europe.com
TECHNICAL SPECIFICATIONS - ADLD25PC
FEATURE
FUNCTION
REMARKS
OPTIONS
LAN
LAN1 Controller
Intel ICH9M-E / 567 Phy
9KB Jumbo Frame Support
LAN1 10/100/1000
10/100/1000 Mbit
LAN1 Diskless Boot option RPL/PXE/
WOL
RPL/PXE/WOL
LAN2 Controller
None
Same features as LAN1
Buses
PCI
PC/104-Plus V2.0
PCIe x1 / x4 / x16
PCIe/104 V1.1 (PCIe v2.0)
Specials/Options
mini-PCIe V1.2
Please call for compatibility
292530
ATA/SATA Interfaces
ATA primary/secondary
None
SATA Channels
2
SATA RAID Levels 0/1/5/10
0/1
1.5Gbs/3.0Gbs/6.0Gbs
1.5 Gb/s / 3.0 Gb/s / 6.0 Gb/s
Onboard Compact Flash / Solid State
Disk
None
USB Interfaces
Boot HD/FDD/CDROM/FD/ZIP
HD/FDD/CDROM/FD/ZIP
USB-Channels
8
Protocols - USB 1.1/2.0/Host/Device
1.1/2.0/Host
Serial / Parallel Interfaces / Interfaces
COM1&2: TTL/RS232/RS485/RS422
RS232
COM3&4: TTL/RS232/RS485/RS422
RS232/422/485
BIOS Selectable
RS232 max Speed
RS232 - 250kbps / 422/485 -
10Mbps
LPT Uni/ECP/EPP/FDC
--
Specials/Options
16-Bit GPIO
Discrete port
PS/2 Keyboard/Mouse
Yes
Floppy Interface FDC
Shared with LPT Port
Watchdog
Yes
Power Supply
Supply Voltage
5V / 12V
Can be configured for +5V only
Power Normal (typical)*
12.3 Watts
UPS/Pb-Batt
None
Cooling
passive / active
Operating Temperature (ambient)
-25° to 70° C
ADL Thermal Solution recommended
Extended / Storage Temperature
-40° to 85º C
Requires ADL-ET and Approved Themal
Solution
Dimensions
3.6” x 3.8” (90mm x 96mm)
*Data subject to change without notice.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com