Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STANDOFF-MSS Datasheet(PDF) 1 Page - ADL Embedded Solutions

Part # STANDOFF-MSS
Description  D525 Dual Core, 1.80GHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADL [ADL Embedded Solutions]
Direct Link  http://www.adl-usa.com
Logo ADL - ADL Embedded Solutions

STANDOFF-MSS Datasheet(HTML) 1 Page - ADL Embedded Solutions

  STANDOFF-MSS Datasheet HTML 1Page - ADL Embedded Solutions STANDOFF-MSS Datasheet HTML 2Page - ADL Embedded Solutions STANDOFF-MSS Datasheet HTML 3Page - ADL Embedded Solutions STANDOFF-MSS Datasheet HTML 4Page - ADL Embedded Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
ADLD25PC PCI/104 Express
Intel® Atom™ D525 Dual Core, 1.80GHz
ADL Corporate: 4411 Morena Blvd. Suite 101 | San Diego, CA 92117-4345
T: 855.727.4200
F: 858.490.0599
sales@adl-usa.com
www.adl-usa.com
ADL Germany: Eiserfelder Straße 316 | D-57080 Siegen, Germany
T: +49 (0) 271.250.810.0
F: +49 (0) 271.250.810.20
sales@adl-europe.com
www.adl-europe.com
The ADLD25PC features the Intel Atom D525 processor
which is designed for a two-chip platform as opposed to
the traditional three-chip platforms requiring a CPU, GMCH
and ICH. The Atom D525 processor accomplishes this
by locally integrating the graphics and memory controller
functions of a traditional GMCH. The processor interfaces to
the ICH9M-E, which is also used on the ADLGS45PC and
provides similar PCI/104-Express I/O bandwidth necessary
to enable performance-based rugged, portable and thermally
constrained applications. The D525 have an Intel rated
Thermal Design Power (TDP) maximum of 10 to 13 Watts;
and an Intel idle TDP of 4 to 4.8 Watts. TDP refers to how
much heat annotated in Watts a thermal solution must be able
to dissipate while keeping the processor below its maximum
die temperature.
The ADLD25PC is ideal for rugged and mobile applications
where power consumption is critical. These jobs include
deeply embedded enclosures for industrial applications, as
well as rugged portable applications such as transceivers for
tactical communication, GIS mapping, night vision
FEATURES
Intel Atom Dual Core Processor
D525, 1.80GHz
Up to 4GB DDR3-800 DRAM
SoDIMM204
Type 2 Bottom-Stacking PCI/104
Express – 4 x1 Lanes
2x SATA 300 Ports
1x 10/100/1000Mbit Ethernet
LAN Port
4x COM Ports - 2x RS232 Ports,
2x RS232/422/485 Ports
8x USB2.0 Ports
Onboard VGA and LVDS Ports
Hardware Monitor
Watchdog Timer
*Data subject to change without notice.
applications, railway and other applications that often use
battery-type power sources.
In addition to the wide range of rugged, extended temperature
or harsh environment applications in which the ADLD25PC
can excel, it also supports a healthy set of features. The
ADLD25PC has a discrete 16-bit digital I/O port as well as
a separate LPT port. The ADLD25PC also has four COM
ports. While two of the ports support RS232, the other two
are configurable to RS232 or 4-wire RS422/485. 2x SATA
with RAID support, 8x USB2.0 and bottom-stacking PCI
express 4 x1 lanes are just a few of the available features.
The ADLD25PC has an option for the PCIe Mini Socket to be
added for Mini PCIe expandability, (i.e. Wi-Fi , etc).
ADLSST System Sensor Technology Utility
The ADLSST System Sensor Technology v2.0 utility brings
to the Linux environment the same type of CPU health
monitor functions that have previously been readily available
only in the Windows environment. Click here to download
the drivers.
APPLICATIONS
Transportation and railway
GIS mapping
Night vision
Embedded enclosures for
industrial applications
Transceivers for tactical
communication
Optional PCIe Mini Socket
7.1 HD Audio
16bit GPIO Port
Windows 7, Windows 8, Windows
10, Linux Compatible
Discrete 16bit GPIO Port
3.6” x 3.8” (90mm x 96mm)
PCI/104-Express v1.0a Form
Factor
Operating Range -25° to +70º C
(-40º to +85º C available - call
sales for details)
Active and passive thermal
solutions available - call for
information
DESCRIPTION


Similar Part No. - STANDOFF-MSS

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
STAND-8150B0 AAEON-STAND-8150B0 Datasheet
294Kb / 1P
Desktop Stand With VESA 100mm Standard
STAND-8150S0 AAEON-STAND-8150S0 Datasheet
294Kb / 1P
Desktop Stand With VESA 100mm Standard
STAND-8150S0 AAEON-STAND-8150S0 Datasheet
294Kb / 1P
Desktop Stand With VESA 100mm Standard
logo
NOSHOK, INC.
STANDARDELEVATEDPRESSURE NOSHOK-STANDARDELEVATEDPRESSURE Datasheet
171Kb / 2P
Standard & Elevated Pressure
STANDARDHARDSEAT NOSHOK-STANDARDHARDSEAT Datasheet
619Kb / 6P
Standard, Hard Seat
More results

Similar Description - STANDOFF-MSS

ManufacturerPart #DatasheetDescription
logo
ADL Embedded Solutions
ADLD25PC ADL-ADLD25PC Datasheet
236Kb / 3P
Intel Atom D525 Dual Core, 1.80GHz
logo
Protech Systems Co., Lt...
BPC-8960 PROTECHSYSTEMS-BPC-8960 Datasheet
327Kb / 2P
Slim Dual Core Atom D525 Book Size PC
logo
Advantech Co., Ltd.
ARK-6320 ADVANTECH-ARK-6320_14 Datasheet
825Kb / 2P
Intel짰 Atom??Dual Core D510/D525 with 6 COM and 8 USB Fanless Box PC
MIC-3325 ADVANTECH-MIC-3325_15 Datasheet
786Kb / 2P
3U CompactPCI짰 Intel짰 AtomTM Dual Core D525/N455 Processor Blade
TPC-1071H-D3AE ADVANTECH-TPC-1071H-D3AE Datasheet
637Kb / 2P
10.4" SVGA TFT LED LCD Intel짰 Atom??Dual-Core D525 Touch Panel Computer
TPC-1571H-D3AE ADVANTECH-TPC-1571H-D3AE Datasheet
721Kb / 2P
15" XGA TFT LED LCD Intel짰 Atom??Dual-Core D525 Touch Panel Computer
TPC-1771H-D3AE ADVANTECH-TPC-1771H-D3AE Datasheet
777Kb / 2P
17" SXGA TFT LED LCD Intel짰 Atom??Dual-Core D525 Touch Panel Computer
logo
List of Unclassifed Man...
FW-7540 ETC2-FW-7540 Datasheet
236Kb / 2P
Desktop / Half-rack Network Appliance with Intel Atom D425 or Dual Core D525
FW-7568 ETC2-FW-7568 Datasheet
196Kb / 2P
Rackmount 1U Firewall Appliance with Low Power Consumption and Dual Core Intel Atom Processor D525
LEC-2110P ETC2-LEC-2110P Datasheet
249Kb / 2P
Fanless Industrial PC w/ Dual Core Intel Atom D525 1.8GHz CPU
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com